Electronic Components Datasheet Search
  English  ▼

X  

14545 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14545
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14545 Datasheet(HTML) 1 Page - Festo Corporation.

  14545 Datasheet HTML 1Page - Festo Corporation. 14545 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
JMDH-5/2-3/4-D-4
Part number: 14545
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
76 mm
Standard nominal flow rate
6000 l/min
Pneumatic working port
Sub-base, size 4 as per ISO 5599-1
G3/4
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
2 bar ... 16 bar
Design
Piston gate valve
Degree of protection
IP65
Nominal width
18 mm
Width dimension
82 mm
Type code
JMDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Non-detenting
ISO code
455
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991005
Lap
Overlap
Changeover time
40 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Noise level
85 dB(A)
Ambient temperature
-10 °C ... 50 °C
Product weight
2600 g
Type of mounting
On sub-base
With through-hole and screw
Pilot exhaust air port 82
M5
Pilot exhaust air port 84
M5
Pneumatic connection 1
Sub-base, size 4 as per ISO 5599-1
9/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 14545

ManufacturerPart #DatasheetDescription
logo
Heyco.
14545 HEYCO-14545 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14545 EKTOR-14545 Datasheet
118Kb / 2P
RAZOR SWING
5th of February 2025 07:55:28
logo
Tyco Electronics
1454509-1 MACOM-1454509-1 Datasheet
2Mb / 28P
AMP SUPERSEAL Connectors
logo
TE Connectivity Ltd
1454509-1 TEC-1454509-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
Tyco Electronics
1454509-2 MACOM-1454509-2 Datasheet
2Mb / 28P
AMP SUPERSEAL Connectors
More results

Similar Description - 14545

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com