Electronic Components Datasheet Search
  English  ▼

X  

SES-1BA-C/E2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # SES-1BA-C/E2
Description  Plug-in Signal Conditioners M-UNIT HIGH/LOW SELECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SES-1BA-C/E2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  SES-1BA-C/E2 Datasheet HTML 1Page - M-System Co.,Ltd. SES-1BA-C/E2 Datasheet HTML 2Page - M-System Co.,Ltd. SES-1BA-C/E2 Datasheet HTML 3Page - M-System Co.,Ltd. SES-1BA-C/E2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: SES
SES SPECIFICATIONS
ES-1646 Rev.3 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
OPTION /E2
Loop Test Selector
Top
Middle
Bottom
: 0% fixed
: 100% fixed
: Cancel
(normal operating mode)
NEXT Key
ENTER Key
LCD Meter
EXTERNAL DIMENSIONS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
TERMINAL ASSIGNMENTS unit: mm (inch)
2
1
8
7
3
4
INPUT RESISTOR
(model: REM)
Input shunt resistor attached
for current input.
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com