Electronic Components Datasheet Search
  English  ▼

X  

533015 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 533015
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

533015 Datasheet(HTML) 1 Page - Festo Corporation.

  533015 Datasheet HTML 1Page - Festo Corporation. 533015 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
JMDH-5/2-D-3-M12-C
Part number: 533015
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
65 mm
Standard nominal flow rate
4500 l/min
Pneumatic working port
Sub-base, size 3 as per ISO 5599-1
G1/2
Operating voltage
24V DC
Operating pressure
2 bar ... 10 bar
Design
Piston gate valve
Degree of protection
IP65
Nominal width
14.5 mm
Width dimension
71 mm
Type code
JMDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Non-detenting
ISO code
355
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991005
Lap
Overlap
Changeover time
21 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
3800 µs
Max. negative test pulse on 1 signal
4900 µs
Coil characteristics
24 V DC: 2.7 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Temperature of medium
-10 °C ... 50 °C
9/16/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 533015

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
533010 FESTO-533010 Datasheet
106Kb / 2P
Air solenoid valve
533011 FESTO-533011 Datasheet
106Kb / 2P
Air solenoid valve
533012 FESTO-533012 Datasheet
107Kb / 2P
Air solenoid valve
533013 FESTO-533013 Datasheet
103Kb / 2P
Air solenoid valve
533016 FESTO-533016 Datasheet
96Kb / 2P
Air solenoid valve
More results

Similar Description - 533015

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com