Electronic Components Datasheet Search
  English  ▼

X  

MAX5959L Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5959L
Description  Demonstrates PCI Express x16 Quad Hot-Plug Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5959L Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5959L Datasheet HTML 1Page - Maxim Integrated Products MAX5959L Datasheet HTML 2Page - Maxim Integrated Products MAX5959L Datasheet HTML 3Page - Maxim Integrated Products MAX5959L Datasheet HTML 4Page - Maxim Integrated Products MAX5959L Datasheet HTML 5Page - Maxim Integrated Products MAX5959L Datasheet HTML 6Page - Maxim Integrated Products MAX5959L Datasheet HTML 7Page - Maxim Integrated Products MAX5959L Datasheet HTML 8Page - Maxim Integrated Products MAX5959L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MAX5960L Hardware Only Configuration
1)
Verify that shunts are installed on jumpers JU1,
JU2, JU3, and JU4 (
PRES-DET_).
2)
Verify that shunts are installed on pins 1 and 2 of
jumpers JU5, JU6, JU7, JU8, JU11, JU12, JU13,
and JU14 (local switch control).
3)
Verify that a shunt is not installed on jumpers JU9,
JU10, JU15, and JU16 (MRL_).
4)
Utilizing short 25A-rated banana leads (< 12in
long) connect the 12V DC power supply to the
VIN1 banana jack. Utilizing short 25A-rated banana
leads (< 12in long) connect the supply ground to
the GND banana jack.
5)
Utilizing short 25A-rated banana leads (< 12in
long) connect the 3.3V DC power supply to the
VIN2 banana jack. Utilizing short 25A-rated banana
leads (< 12in long) connect the supply ground to
the GND banana jack.
6)
Connect the 3.3V DC power supply to the VIN3
banana jack with a short banana lead.
7)
Connect a voltmeter to the 12VA pad and GND.
Connect a voltmeter to the 3.3VA pad and GND.
Connect a voltmeter to the 3.3VAUXA pad and GND.
8)
Set switches SW5, SW7, SW9, SW11 (ON_), and
SW6, SW8, SW10, SW12 (AUXON_) to the OFF
position.
9)
Turn on both power supplies in any sequence.
10) Set switches SW5 (ONA) and SW6 (AUXONA) to
the ON position.
11) Verify that the voltage at channel A pad is as
shown below:
12VA = 12V
3.3VA = 3.3V
3.3VAUXA = 3.3V
12) Sliding switches SW5 and SW6 to the OFF position
will disable the channel A main or auxiliary outputs
on the MAX5960L EV kit.
13) For evaluating channels B, C, and D, use analo-
gous actions on steps 10 through 12 above for the
respective channel switch setting and output volt-
age reading. See the
Jumper and Switch Selection
section for more information on configuring the
respective channel.
14) Test points are provided to observe the MOSFET’s
gate voltage respectively with an oscilloscope.
Software and Hardware Quick Start
The MAX5960L EV kit is fully assembled and tested.
Follow these steps to verify board operation. Do not
turn on the power supplies until all connections are
completed.
Required Equipment
•
One each of the following DC power supplies:
12V, 25A
3.3V, 20A (used to power the main 3.3V and
3.3VAUX inputs)
•
Maxim MAX5960L EV kit and CMAXQUSB interface
board (USB cable included)
•
Windows 98SE/2000/XP computer with a spare USB
port
•
Three voltmeters for confirming output voltages
Note: In the following sections, software-related items are
identified by bolding. Text in bold refers to items directly
from the EV kit software. Text in bold and underlined
refers to items from the Windows operating system.
MAX5960L Software and Hardware Configuration
1)
Visit www.maxim-ic.com/evkitsoftware to download
the latest version of the EV kit software,
5960LRxx.ZIP. Save the EV kit software to a tempo-
rary folder and uncompress the ZIP file.
2)
Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the temporary
folder. The program files are copied and icons are
created in the Windows Start | Programs menu.
3)
Verify that no shunts are installed on jumpers JU1,
JU2, JU3, and JU4 (
PRES-DET_).
4)
Verify that shunts are installed on pins 2 and 3 of
jumpers JU5, JU6, JU7, JU8, JU11, JU12, JU13,
and JU14 (computer control).
5)
Verify that a shunt is not installed on jumpers JU9,
JU10, JU15, and JU16 (MRL_).
6)
Utilizing short 25A-rated banana leads (< 12in
long) connect the 12V DC power supply to the
VIN1 banana jack. Utilizing short 25A-rated banana
leads (< 12in long) connect the supply ground to
the GND banana jack.
7)
Utilizing short 25A-rated banana leads (< 12in
long) connect the 3.3V DC power supply to the
VIN2 banana jack. Utilizing short 25A-rated banana
leads (< 12in long) connect the supply ground to
the GND banana jack.
8)
Connect the 3.3V DC power supply to the VIN3
banana jack with a short banana lead. Do not turn
on the power supplies.
MAX5960L Evaluation Kit/
Evaluation System
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com