Electronic Components Datasheet Search
  English  ▼

X  

MAX5580 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5580
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5580 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5580 Datasheet HTML 7Page - Maxim Integrated Products MAX5580 Datasheet HTML 8Page - Maxim Integrated Products MAX5580 Datasheet HTML 9Page - Maxim Integrated Products MAX5580 Datasheet HTML 10Page - Maxim Integrated Products MAX5580 Datasheet HTML 11Page - Maxim Integrated Products MAX5580 Datasheet HTML 12Page - Maxim Integrated Products MAX5580 Datasheet HTML 13Page - Maxim Integrated Products MAX5580 Datasheet HTML 14Page - Maxim Integrated Products MAX5580 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MAX5581 EV Kit
The MAX5581 EV kit board provides a proven layout for
evaluating the MAX5581 4-channel, 12-bit DAC and
can be obtained separately without the CMODUSB
command module. The MAX5581 EV kit contains an on-
board reference and two momentary pushbutton
switches for testing the UPIO functions. The
MAX5581AETP (U1) is powered from two sources. The
user must supply +5V to AVDD. DVDD is provided by
the CMODUSB command module.
The DAC outputs can be set to full scale, midscale, or
zero at power-up. Jumper JU1 configures the DAC out-
puts at power-up as shown in Table 3.
Jumper JU2 gives the user the flexibility to connect
UPIO1 to the CMODUSB command module’s SPI MISO
line (DOUT) or to a UPIO1 user pad on the MAX5581
EV kit board. Table 4 shows the UPIO1 route selection.
The MAX5581 EV kit has an on-board MAX6126 +2.5V
reference, but also allows for a user-supplied external
reference (0.25V to AVDD). Cut the PC board trace
designated by jumper JU3 and apply an external refer-
ence to the REF pad. Table 5 shows the jumper JU3
reference type options.
Measure the supply current using jumpers JU4 and
JU5. Cut the PC board traces and place a current
meter in series with the two terminals of the corre-
sponding jumper. Table 6 shows the jumper JU4/JU5
current measurement options.
Jumper JU6 allows the user to select the clock edge
that latches-in the SPI data. Table 7 shows the jumper
JU6 clock edge options.
MAX5581 Evaluation Kit/Evaluation System
12
______________________________________________________________________________________
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2
DAC outputs set to full scale
upon power-up.
2-3*
DAC outputs set to zero upon
power-up.
JU1
Open
DAC outputs set to midscale
upon power-up.
Table 3. Power-Up State Select Input (PU)
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2*
Data latched in on the rising
edge of SCLK.
JU6
2-3
Data latched in on the falling
edge of SCLK.
Table 7. Data Latch-In Clock Edge Select
(DSP)
*Default configuration.
JUMPER
SHUNT
POSITION
DESCRIPTION
1-2
UPIO1 user pad.
JU2
2-3*
CMODUSB’s SPI MISO line
(DOUT). Required for readback
commands in MAX5581 EV kit
software.
Table 4. UPIO1 Route Selection
(DOUT/UPIO1)
*Default configuration.
JUMPER
PC BOARD
TRACE
DESCRIPTION
Short*
On-board MAX6126 +2.5V
reference option.
JU3
Open
Cut the trace and attach an
external reference to the REF
pad.
Table 5. Reference Selection (REF)
*Default configuration.
JUMPER
PC BOARD
TRACE
DESCRIPTION
Short*
Normal operation.
JU4/JU5
Open
Cut the trace and attach a
current meter in series with the
two open terminals to measure
the supply current of AVDD
(JU4) and DVDD (JU5).
Table 6. Supply Current Measurement
(IAVDD/IDVDD)
*Default configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com