Electronic Components Datasheet Search
  English  ▼

X  

CMODUSB Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # CMODUSB
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products CMODUSB Datasheet HTML 10Page - Maxim Integrated Products CMODUSB Datasheet HTML 11Page - Maxim Integrated Products CMODUSB Datasheet HTML 12Page - Maxim Integrated Products CMODUSB Datasheet HTML 13Page - Maxim Integrated Products CMODUSB Datasheet HTML 14Page - Maxim Integrated Products CMODUSB Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Detailed Description
of Hardware
MAX5581 EV System
The MAX5581 EV system is a complete, 4-channel, 12-
bit, data-generation system consisting of a MAX5581
EV kit and the Maxim CMODUSB command module.
CMODUSB Command Module
The CMODUSB uses a proprietary design to provide
SPI- and I2C-compatible interfaces to demonstrate vari-
ous Maxim devices. Maxim reserves the right to
change the implementation of this module at any time
with no advance notice.
CMODUSB Power Supply
The CMODUSB board uses a MAX1658 linear voltage
regulator. Jumper J1 selects between a 5V or 3.3V sys-
tem supply voltage. Do not plug a wall cube into the
P1 power jack since power is provided from the
USB port.
MAX5581 Evaluation Kit/Evaluation System
______________________________________________________________________________________
11
The Read UPIO Inputs tab, shown in Figure 9, allows
the user to read the GPI status for UPIO2. Pressing the
Read button not only tells the user whether a falling
edge or rising edge has occurred since the last read,
but also the current state of the pin.
Note: This read requires that UPIO1 be configured for
DOUTRB and UPIO2 be configured as a GPI.
Figure 9. Read GPI Tab
JUMPER
SHUNT
POSITION
SYSTEM SUPPLY VOLTAGE
(DVDD)
1-2
5V
2-3
3.3V
J1
Open
DO NOT OPERATE KIT WITH
J1 OPEN.
PERMANENT DAMAGE WILL
RESULT.
Table 2. CMODUSB Jumper J1 (System
Supply Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com