Electronic Components Datasheet Search
  English  ▼

X  

MAX5391 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5391
Description  PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5391 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5391 Datasheet HTML 1Page - Maxim Integrated Products MAX5391 Datasheet HTML 2Page - Maxim Integrated Products MAX5391 Datasheet HTML 3Page - Maxim Integrated Products MAX5391 Datasheet HTML 4Page - Maxim Integrated Products MAX5391 Datasheet HTML 5Page - Maxim Integrated Products MAX5391 Datasheet HTML 6Page - Maxim Integrated Products MAX5391 Datasheet HTML 7Page - Maxim Integrated Products MAX5391 Datasheet HTML 8Page - Maxim Integrated Products MAX5391 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX5391L/MAX5391N Evaluation Systems
4_ _ _______________________________________________________________________________________
Table_1._Jumper_Configuration_for_MAX5391L/MAX5391N_EV_Kit_Operation
Figure 1. MAX5391L/MAX5391N Evaluation Kit Software Main Window
*Default position.
JUMPER
SHUNT_
POSITION
EV_KIT_FUNCTION
JU1
Installed*
1.7V LDO output enabled
Not installed
1.7V LDO output disabled
JU7
1-2*
MAX5391L/MAX5391N VDD voltage = 1.7V
2-3
MAX5391L/MAX5391N VDD voltage dependent on jumper JU20 configuration
JU8
Not installed
MAX5391L/MAX5391N HA disconnected from the U2 VDD voltage source
Installed*
MAX5391L/MAX5391N HA connected to the U2 VDD voltage source
JU9
Not installed
MAX5391L/MAX5391N LA disconnected from GND
Installed*
MAX5391L/MAX5391N LA connected to GND
JU10
Not installed
MAX5391L/MAX5391N HB disconnected from the U2 VDD voltage source
Installed*
MAX5391L/MAX5391N HB connected to the U2 VDD voltage source
JU11
Not installed
MAX5391L/MAX5391N LB disconnected from GND
Installed*
MAX5391L/MAX5391N LB connected to GND
JU20
1-2
VPOWER = 5V
1-3*
VPOWER = 3.3V
1-4
VPOWER = 2.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com