Electronic Components Datasheet Search
  English  ▼

X  

MAX4951C Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4951C
Description  Application Circuit with SATA Input/Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4951C Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4951C Datasheet HTML 1Page - Maxim Integrated Products MAX4951C Datasheet HTML 2Page - Maxim Integrated Products MAX4951C Datasheet HTML 3Page - Maxim Integrated Products MAX4951C Datasheet HTML 4Page - Maxim Integrated Products MAX4951C Datasheet HTML 5Page - Maxim Integrated Products MAX4951C Datasheet HTML 6Page - Maxim Integrated Products MAX4951C Datasheet HTML 7Page - Maxim Integrated Products MAX4951C Datasheet HTML 8Page - Maxim Integrated Products MAX4951C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
_________________________________________________________________ Maxim Integrated Products 4
MAX4951C Evaluation Kit
Evaluates: MAX4951C
Device Enable (JU5)
The characterization circuit is enabled/disabled by
configuring jumper JU5 (see Table 7). When disabled,
the device buffers are powered down and the part is
placed in a low-power mode.
Output Preemphasis (JU7)
The characterization circuit channel A can be evaluated
with or without output preemphasis. Configure JU7 of
the characterization circuit channel A to enable/disable
output preemphasis (see Table 8).
OOB Mode Selection (JU9)
The characterization circuit provides full OOB signal
support through high-speed OOB-detection circuitry. The
SATA range used can be selected through configuration
of jumper JU8 (see Table 9). When the MODE pin is set to
GND, the SATA version 3.0 range is used. When the MODE
pin is set to VCC, the SATA version 2.6 range is used.
Calibration Traces
The bottom half of the EV kit provides two sets of
calibration traces that can be used for further analysis.
The lengths of the calibration traces are matched to the
traces going from the SMA connector to the characteriza-
tion circuit. The first calibration trace includes a 50I load
termination and the second calibration trace is a through
trace.
Table 7. Jumper JU5 Function (U2 EN)
Table 8. Jumper JU7 Function (U2 PA)
*Default position.
Table 9. Jumper JU8 Function (U2 MODE)
*Default position.
*Default position.
SHUNT
POSITION
EN PIN (U2)
DESCRIPTION
1-2*
Connected to
+3.3V
Buffers enabled
for normal operation
2-3
Connected to
GND
Buffers disabled and the
device is in low-power
standby mode
SHUNT
POSITION
PA PIN (U2)
DESCRIPTION
1-2
Connected to
+3.3V
Channel A output
preemphasis enabled
2-3*
Connected to
GND
Channel A output
preemphasis disabled
Not installed
Not connected
SHUNT
POSITION
MODE PIN
(U2)
DESCRIPTION
1-2
Connected to
VCC
SATA version 2.6 range
is used
2-3*
Connected to
GND
SATA version 3.0 range
is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com