Electronic Components Datasheet Search
  English  ▼

X  

MAX4445 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4445
Description  Fully Assembled and Tested Surface-Mount Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4445 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4445 Datasheet HTML 1Page - Maxim Integrated Products MAX4445 Datasheet HTML 2Page - Maxim Integrated Products MAX4445 Datasheet HTML 3Page - Maxim Integrated Products MAX4445 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX4444 Evaluation Kit
2
_______________________________________________________________________________________
Detailed Description
Enable Control
The MAX4444 provides an enable pin (EN) to enable or
disable the output. Table 1 lists the options available for
the enable/disable control jumper (JU1). EN is a
TTL/CMOS-logic level input.
Layout Considerations
The MAX4444 EV kit layout has been optimized for
high-speed signals, with careful attention given to
grounding, power-supply bypassing, and signal-path
layout. The small, surface-mount, ceramic bypass
capacitors (C2, C4) have been placed as close to the
MAX4444 supply pins as possible. Signal traces have
been kept as short as possible by using 0805-sized ter-
mination and gain-set resistors.
Evaluating the MAX4445
To evaluate the MAX4445, turn off the power to the EV kit.
Replace the MAX4444 with a MAX4445ESE, and install
gain-setting resistor RG (0805, 1%) according to the fol-
lowing formula:
RG = 600Ω / (gain - 1)
Note: The gain must be at least +2V/V (RG
≤ 600Ω) for
the amplifier to be stable.
Table 1. Jumper JU1 Functions
SHUNT
MAX4444
ENABLE PIN
MAX4444
OUTPUT
Installed
Connected to VCC
MAX4444 enabled
Not installed
Pulled to GND through
1M
Ω resistor (R4)
MAX4444 in shut-
down
16
15
OUT
14
11
10
9
1
2
3
4
R4
1M
R3
49.9
Ω
1%
JU1
C2
0.1
µF
R1
49.9
Ω
1%
C1
4.7
µF
10V
5
6
7
8
U1
MAX4444
C4
0.1
µF
C3
4.7
µF
10V
R2
49.9
Ω
1%
VCC
GND
OUT
EN
REF
VEE
VEE
VEE
VEE
VCC
VEE
VEE
GND
VCC
IN-
N.C.
13
12
IN
+
N.C.
VEE
VEE
VCC
IN-
IN
+
RG
OPEN
Figure 1. MAX4444 EV Kit Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com