Electronic Components Datasheet Search
  English  ▼

X  

MAX4313 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4313
Description  Single-Supply Operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4313 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4313 Datasheet HTML 1Page - Maxim Integrated Products MAX4313 Datasheet HTML 2Page - Maxim Integrated Products MAX4313 Datasheet HTML 3Page - Maxim Integrated Products MAX4313 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Description
The MAX4313 evaluation kit (EV kit) simplifies evalua-
tion of the MAX4313 low-power, single-supply video
multiplexer/amplifier. The MAX4313 is fixed to a gain of
+2V/V, ideal for driving back-terminated cables. SMA
connectors and 50
Ω terminating resistors are included
for 50
Ω test equipment compatibility. Simply change
the terminating resistors to 75
Ω for video test equip-
ment compatibility.
The EV kit comes with the MAX4313 installed. To evaluate
the MAX4310, simply order a free sample (MAX4310ESA),
replace the MAX4313 with the MAX4310 on the EV board,
and change the gain-setting resistors for the desired gain.
Features
o Single-Supply Operation
o 150MHz -3dB Bandwidth (RL = 150Ω)
o 540V/µs Slew Rate (RL = 150Ω)
o 40MHz 0.1dB Gain Flatness (RL = 150Ω)
o Low Switching Transient (20mVp-p)
o 0.06%/0.02° Gain/Phase Errors
o Outputs Extend to the Rails
o Fully Assembled and Tested Surface-Mount Board
Quick Start
The MAX4313 EV kit is fully assembled and tested. Fol-
low these steps to verify board operation.
1) The circuit requires supply voltages of +4.5V to
+10.5V. For evaluation purposes, connect a +5V
supply to the pad labeled VCC and connect the
power-supply ground to the pads labeled VEE and
GND.
2) Connect the output labeled OUT to an oscilloscope
input. Set the shunt across the appropriate pins of
jumper JU1 to select a multiplexer input (IN0 or
IN1).
3) Place the shunt across pins 2 and 3 of jumper JU2
to enable the MAX4313’s output.
4) Turn on the power supply. Apply a ±0.5V signal
with VCM = +1.5V to the appropriate multiplexer
input selected in Step 2. The 100
Ω load (chosen for
ease of evaluation) limits the output voltage range.
Wider output voltage swings are achievable with
lighter loads. See the MAX4310/MAX4313 data
sheet.
5) Verify the output signal on the oscilloscope.
MAX4313 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-1379; Rev 1; 4/99
QTY
DESCRIPTION
C1, C3
2
C2, C4
2
R1–R3
3
49.9
Ω, 1% resistors
RG
1
RF
0
Not installed
IN0, IN1, OUT
3
JU1, JU2
2
U1
1
None
2
Shunts for JU1, JU2
None
1
MAX4313 EV kit PC board
0
Ω resistor
10µF, 10V, 20% tantalum capacitors
AVX TAJB106M010 or
Sprague 293D106X0010B
0.1µF, 10% ceramic capacitors
SUPPLIER
PHONE
FAX
AVX
803-946-0690
803-626-3123
DESIGNATION
SMA connectors
3-pin headers
MAX4313ESA
Component List
Sprague
603-224-1961
603-224-1430
PART
MAX4313EVKIT
-40°C to +85°C
TEMP. RANGE
IC PACKAGE
8 SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Ordering Information
Component Suppliers
Note: Please indicate that you are using the MAX4313 when
contacting these component suppliers.
Note: To evaluate the MAX4310, request a MAX4310ESA free
sample.


Similar Part No. - MAX4313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4313 MAXIM-MAX4313 Datasheet
404Kb / 20P
High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
Rev 1; 4/99
MAX4313ESA MAXIM-MAX4313ESA Datasheet
404Kb / 20P
High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
Rev 1; 4/99
MAX4313EUA MAXIM-MAX4313EUA Datasheet
404Kb / 20P
High-Speed, Low-Power, Single-Supply, Multichannel, Video Multiplexer-Amplifiers
Rev 1; 4/99
More results

Similar Description - MAX4313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
Single or Dual-Supply Operation
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
Single Power Supply Operation
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
Single Low Voltage Supply Operation
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
Single power supply operation
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
Supports single and dual supply operation
23-Jan-17
logo
Maxim Integrated Produc...
MAX3273EVKIT MAXIM-MAX3273EVKIT Datasheet
689Kb / 11P
Single 3.3V Power-Supply Operation
Rev 0; 9/01
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
Single 5V Supply Operation
Rev 0; 2/08
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com