Electronic Components Datasheet Search
  English  ▼

X  

MAX4213 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4213
Description  Single 3.3V/5V Operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4213 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4213 Datasheet HTML 1Page - Maxim Integrated Products MAX4213 Datasheet HTML 2Page - Maxim Integrated Products MAX4213 Datasheet HTML 3Page - Maxim Integrated Products MAX4213 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
_______________Detailed Description
Supply Voltage
The MAX4213 EV kit can be used in either single or
dual-supply mode. Negative power-supply filter capaci-
tors C1 and C3 can be eliminated in your final single-
supply design.
Enable Control
The MAX4213 provides an enable pin (EN) to enable or
disable the output. Table 1 lists the options available for
the enable/disable control jumper JU1. You can use an
external controller by removing the shunt on JU1 com-
pletely and connecting the external controller to the
pad labeled EN. EN is a TTL/CMOS logic-level input.
Enable Logic-Low Input Current
Under certain conditions, the logic-low input current
can increase. The MAX4213 EV kit provides a resistor
location (R3) to limit the logic-low input current. A 10k
Ω
resistor value is recommended. R3 is normally shorted
by a PC board trace between its pads. Be sure to cut
this shorting trace before installing a resistor. Refer to
the
Enable Input and Disabled Output section of the
MAX4212/MAX4213/MAX4216/MAX4218/MAX4220
data sheet for further details.
Layout Considerations
The MAX4213 EV kit layout has been optimized for
high-speed signals and low distortion, with careful
attention given to grounding, power-supply bypassing,
and signal-path layout. The small, surface-mount,
ceramic bypass capacitors C1 and C2 have been
placed as close to the MAX4213 supply pins as possi-
ble. The ground plane has been removed around and
under the MAX4213 to reduce stray capacitance.
Capacitance at the inverting input pin has been mini-
mized by reducing the length and width of the input
and feedback traces, and by using 0805-size surface-
mount feedback and gain-set resistors.
MAX4213 Evaluation Kit
2
_______________________________________________________________________________________
Table 1. Jumper JU1 Functions
SHUNT LOCATION
ENABLE PIN
MAX4213
OUTPUT
1 and 2
Connected to VCC
Enabled
2 and 3
Connected to GND
Disabled
Figure 1. MAX4213 EV Kit Schematic
6
5
4
N.C.
IN-
RG
OPEN
RF
24
Ω
R1
49.9
Ω
R3
SHORTED
VCC
JU1
EN
VCC
OUT
3
C4
10
µF
10V
C2
0.1
µF
2
1
IN
C3
10
µF
10V
C1
0.1
µF
R2
49.9
Ω
VEE
EN
VCC
OUT
N.C.
8
7
2
3
1
IN+
VEE
MAX4213
U1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com