Electronic Components Datasheet Search
  English  ▼

X  

PLL620-21DI Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-21DI
Description  Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-21DI Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-21DI Datasheet HTML 1Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 2Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 3Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 4Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 5Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 6Page - PhaseLink Corporation PLL620-21DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL620-21
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
www.phaselink.com Rev 07/15/05 Page 1
FEATURES
• 100MHz to 200MHz Fundamental Mode Crystal.
• Output range: 100 – 200MHz (no multiplication).
• Selectable OE logic.
• Minimum bondwires required for VDD and GND.
• Available outputs: PECL or LVDS.
• Supports 3.3V-Power Supply.
• Available in die form.
• Thickness 10 mil.
DESCRIPTIONS
PLL620-21 is an XO IC specifically designed to work
with high frequency fundamental and third overtone
crystals. Its design was optimized to tolerate higher
limits of interelectrodes capacitance and bonding
capacitance to improve yield. It achieves very low
current into the crystal resulting in better overall
stability. It offers a selectable OE logic and is ideal
for XO applications requiring LVDS or PECL output
levels at high frequencies.
BLOCK DIAGRAM
DIE CONFIGURATION
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
OUTPUT SELECTION AND ENABLE
Pad #9
OUTSEL
Selected Output
0
LVDS
1
PECL (default)
Pad #25
OESEL
Pad #30
OE_CTRL
State
0
Tri-state
0
1
Output enabled (default)
0
Output enabled (default)
1
(default)
1
Tri-state
Pad # 9: Bond to GND to set to “0”, bond to VDD to set to “1”
Pad # 30: Logical states defined by PECL levels if OUTSEL (pad # 9) is “1”
Logical states defined by CMOS levels if OUTSEL is “0”
! "#$%
& # $
$' "
'
'
& # $
$' "
!
#- ! ($
.
#
/
& $$
& $$
& $$
& $$
/
)0 1 23 *
4 5 *


Similar Part No. - PLL620-21DI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-20DC PLL-PLL620-20DC Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-28 PLL-PLL620-28 Datasheet
218Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PLL620-2XOC PLL-PLL620-2XOC Datasheet
218Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PLL620-2XOC-R PLL-PLL620-2XOC-R Datasheet
218Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
More results

Similar Description - PLL620-21DI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-00 PLL-PLL620-00 Datasheet
208Kb / 7P
Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
logo
List of Unclassifed Man...
PLL620-05 ETC1-PLL620-05 Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL620-05 PLL-PLL620-05 Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
Abracon Corporation
ABX2005 ABRACON-ABX2005 Datasheet
115Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
03/21/05
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABV2028 ABRACON-ABV2028 Datasheet
94Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com