Electronic Components Datasheet Search
  English  ▼

X  

TGL2209 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGL2209
Description  8 ??12 GHz 50 Watt VPIN Limiter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL2209 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGL2209 Datasheet HTML 1Page - Qorvo, Inc TGL2209 Datasheet HTML 2Page - Qorvo, Inc TGL2209 Datasheet HTML 3Page - Qorvo, Inc TGL2209 Datasheet HTML 4Page - Qorvo, Inc TGL2209 Datasheet HTML 5Page - Qorvo, Inc TGL2209 Datasheet HTML 6Page - Qorvo, Inc TGL2209 Datasheet HTML 7Page - Qorvo, Inc TGL2209 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TGL2209
8
– 12 GHz 50 Watt VPIN Limiter
Data Sheet Rev. B
– February 9, 2021
- 2 of 8 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Value / Range
Incident Power, Pulsed1, 50
, 25 °C
47 dBm
Incident Power, Pulsed1, 50
, 85 °C
46 dBm
Incident Power, CW, 50
, 25 °C
40 dBm
Incident Power, CW, 50
, 85 °C
36 dBm
Mounting Temperature (30 seconds)
32
0 °C
Storage Temperature
-
40 to 150 °C
Note:
1 Pulse RF conditions: PW = 100 µs, Duty Cycle = 10%
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions is
not implied.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temperature Range
-40
+25
+85
°C
Passive
– No Bias
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Incident Power
(RF Operational Life Test (1))
10 GHz Pulsed, PW=100 µs, DC=10%, 50
, 25°C
50
W
Notes:
1.
Test terminated after 100 hours.
Electrical Specifications
Test conditions, unless otherwise noted: 25 °C
Parameter
Min
Typ
Max
Units
Operational Frequency Range
8
–
12
GHz
Insertion Loss
< 0.5
dB
Input Return Loss
> 12
dB
Output Return Loss
> 12
dB
Flat Leakage Power at PIN > 30 dBm
< 18
dBm
Pulse Recovery Time
< 30
nS
Spike Leakage
< 20
dBm
Insertion Loss Temperature Coefficient
0.006
dB/ °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com