Electronic Components Datasheet Search
  English  ▼

X  

AT45DB081E Datasheet(PDF) 28 Page - Dialog Semiconductor

Part # AT45DB081E
Description  8-Mbit DataFlash (with Extra 256-kbits) 1.7 V Minimum SPI Serial Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB081E Datasheet(HTML) 28 Page - Dialog Semiconductor

Back Button AT45DB081E Datasheet HTML 24Page - Dialog Semiconductor AT45DB081E Datasheet HTML 25Page - Dialog Semiconductor AT45DB081E Datasheet HTML 26Page - Dialog Semiconductor AT45DB081E Datasheet HTML 27Page - Dialog Semiconductor AT45DB081E Datasheet HTML 28Page - Dialog Semiconductor AT45DB081E Datasheet HTML 29Page - Dialog Semiconductor AT45DB081E Datasheet HTML 30Page - Dialog Semiconductor AT45DB081E Datasheet HTML 31Page - Dialog Semiconductor AT45DB081E Datasheet HTML 32Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 79 page
background image
27
AT45DB081E
DS-AT45DB081E–028K–03-2021
effective in the prevention of accidental programming or erasing of the device. If an erroneous program or erase
command is sent to the device immediately after erasing the Sector Protection Register and before the register can
be reprogrammed, then the erroneous program or erase command is not processed because all sectors are
protected.
Table 8-6.
Erase Sector Protection Register Command
Figure 8-4. Erase Sector Protection Register
8.3.2
Program Sector Protection Register
Once the Sector Protection Register has been erased, it can be reprogrammed using the Program Sector
Protection Register command.
To program the Sector Protection Register, a four-byte command sequence of 3Dh, 2Ah, 7Fh, and FCh must be
clocked into the device followed by sixteen bytes of data corresponding to Sectors 0 through 15. After the last bit of
the opcode sequence and data have been clocked in, the CS pin must be deasserted to initiate the internally self-
timed program cycle. Programming the Sector Protection Register takes a maximum time of tP. During this time,
the RDY/BUSY bit in the Status Register indicates that the device is busy. If the device is powered-down before the
erase cycle is done, then the contents of the Sector Protection Register cannot be guaranteed.
If the proper number of data bytes is not clocked in before the CS pin is deasserted, then the protection status of
the sectors corresponding to the bytes not clocked in cannot be guaranteed.
Example:
If only the first two bytes are clocked in instead of the complete sixteen bytes, then the protection status of
the last 14 sectors cannot be guaranteed. Furthermore, if more than sixteen bytes of data is clocked into the
device, then the data wraps back around to the beginning of the register. For instance, if seventeen bytes of
data are clocked in, then the seventeenth byte is stored at byte location 0 of the Sector Protection Register.
The data bytes clocked into the Sector Protection Register need to be valid values (0xh, 3xh, Cxh, and Fxh for
Sector 0a or Sector 0b, and 00h or FFh for other sectors) in order for the protection to function correctly. If a non-
valid value is clocked into a byte location of the Sector Protection Register, then the protection status of the sector
corresponding to that byte location cannot be guaranteed.
Example:
If a value of 17h is clocked into byte location 2 of the Sector Protection Register, then the protection status
of Sector 2 cannot be guaranteed.
The Sector Protection Register can be reprogrammed while the sector protection is enabled or disabled. Being
able to reprogram the Sector Protection Register with the sector protection enabled allows the user to temporarily
disable the sector protection to an individual sector rather than disabling sector protection completely.
The Program Sector Protection Register command uses Buffer 1 for processing. Therefore, the contents of Buffer
1 are altered from its previous state when this command is issued.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Erase Sector Protection Register
3Dh
2Ah
7Fh
CFh
3Dh
2Ah
7Fh
CFh
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com