Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321E Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # AT45DB321E
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB321E Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button AT45DB321E Datasheet HTML 46Page - Dialog Semiconductor AT45DB321E Datasheet HTML 47Page - Dialog Semiconductor AT45DB321E Datasheet HTML 48Page - Dialog Semiconductor AT45DB321E Datasheet HTML 49Page - Dialog Semiconductor AT45DB321E Datasheet HTML 50Page - Dialog Semiconductor AT45DB321E Datasheet HTML 51Page - Dialog Semiconductor AT45DB321E Datasheet HTML 52Page - Dialog Semiconductor AT45DB321E Datasheet HTML 53Page - Dialog Semiconductor AT45DB321E Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
49
AT45DB321E
8784L–DFLASH–3/2019
17.5
Program and Erase Characteristics
Notes: 1.
Values are based on device characterization, not 100% tested in production.
2.
Not 100% tested (value guaranteed by design and characterization).
18.
Input Test Waveforms and Measurement Levels
19.
Output Test Load
Symbol
Parameter
Min
Typ
Max
Units
t
EP
Page Erase and Programming Time (512/528 bytes)
17
35
ms
t
P
Page Programming Time
3
5.5
ms
tBP
Byte Programming Time
8
µs
t
PE
Page Erase Time
12
35
ms
t
BE
Block Erase Time
45
100
ms
tSE
Sector Erase Time
0.7
1.4
s
t
CE
Chip Erase Time
45
80
s
t
SUSP
Suspend Time
Program
10
15
µs
Erase
20
30
t
RES
Resume Time
Program
10
15
µs
Erase
20
30
tOTPP
OTP Security Register Program Time
200
500
µs
AC
Driving
Levels
AC
Measurement
Level
0.1V
CC
V
CC/2
0.9V
CC
tR, tF < 2ns (10% to 90%)
Device
Under
Test
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com