Electronic Components Datasheet Search
  English  ▼

X  

PLL600-27M Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL600-27M
Description  Dual XO with 4 CMOS Outputs 10MHz to 52MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL600-27M Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL600-27M Datasheet HTML 1Page - PhaseLink Corporation PLL600-27M Datasheet HTML 2Page - PhaseLink Corporation PLL600-27M Datasheet HTML 3Page - PhaseLink Corporation PLL600-27M Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
PLL600-27M
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 08/12/04 Page 3
3. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling
between VDD and GND.
2.1
2.5
ps
Phase Noise relative to carrier
30MHz @100Hz offset
-80
dBc/Hz
Phase Noise relative to carrier
30MHz @1kHz offset
-110
dBc/Hz
Phase Noise relative to carrier
30MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
30MHz @100kHz offset
-138
dBc/Hz
Phase Noise relative to carrier
30MHz @1MHz offset
-145
dBc/Hz
4. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
@ 3.3V
IDD
XIN1 and XIN2 at 27MHz,
Cload=10pF
6.0
mA
Supply Current in tri-state
IDD
Output disabled
520
µA
Operating Voltage
VDD
1.62
3.63
V
Output High Voltage
VOH
IOH = -12mA (3.3V)
2.4
V
Output Low Voltage
VOL
IOL = 12mA (3.3V)
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA (3.3V)
VDD – 0.4
V
Output drive current
At TTL level (3.3V)
10
mA
5. Crystal Specification
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
FXIN1
Crystal Resonator Frequency
FXIN2
10
52
MHz
Crystal Loading Rating
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
C0 (for frequencies below 30MHz)
5
pF
C0 (for frequencies above 30MHz)
4
pF
ESR
RS
30
Ω
Note: A detailed crystal specification document is also available for this part



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com