Electronic Components Datasheet Search
  English  ▼

X  

PLL601-03 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL601-03
Description  Low Phase Noise PLL Clock Multiplier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-03 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL601-03 Datasheet HTML 1Page - PhaseLink Corporation PLL601-03 Datasheet HTML 2Page - PhaseLink Corporation PLL601-03 Datasheet HTML 3Page - PhaseLink Corporation PLL601-03 Datasheet HTML 4Page - PhaseLink Corporation PLL601-03 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 1
FEATURES
• Full swing CMOS outputs with 25 mA drive
capability at TTL levels.
• Reference 10-30MHz crystal or clock.
• Integrated crystal load capacitor: no external
load capacitor required.
• Output clocks up to 198MHz at 3.3V.
• Low phase noise (-126dBc/Hz @ 1kHz).
• Output Enable function.
• Low jitter (RMS): 6.4ps (period), 9.4ps (accum.)
• Advanced low power sub-micron CMOS process.
• 3.3V operation.
• Available in 16-Pin SOIC or TSSOP.
DESCRIPTIONS
The PLL601-03 is a low cost, high performance and
low phase noise clock synthesizer. It implements
PhaseLink’s proprietary analog and digital Phase
Locked Loop techniques to allow the user to select
the desired multiplier value. The chip accepts crystal
or clock inputs ranging from 10 to 30MHz, depening
on selected multiplier, and produces outputs clocks
up to 198MHz at 3.3V.
BLOCK DIAGRAM
PIN CONFIGURATION
MULTIPLIER SELECT TABLE
S3 S2
S1
S0
Multiplier
Xtal range
0
0
0
0
Reserved
0
0
0
1
11x
10–18MHz
0
1
0
1
5x
20-30MHz
1
0
0
1
Frequency Pass through
1
1
0
1
6x
11-22MHz
1
2
3
4
5
6
7
8
CLK
9
10
11
12
13
14
15
16
REFEN
VDD
VDD
VDD
XOUT
S1
XIN
GND
GND
GND
REFOUT
OE
S0
S3
S2
Phase
Locked
Loop
ROM Based
Multipliers
XTAL
OSC
CLK
REFOUT
OE
REFEN
S2
S1
S0
XIN
XOUT
S3


Similar Part No. - PLL601-03

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-01OC PLL-PLL601-01OC Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-01OC-R PLL-PLL601-01OC-R Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-01SC PLL-PLL601-01SC Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-01SC-R PLL-PLL601-01SC-R Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
More results

Similar Description - PLL601-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com