Electronic Components Datasheet Search
  English  ▼

X  

PLL701-05SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-05SC
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-05SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 4Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PLL701-05
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/26/02 Page 1
FEATURES
• Spread Spectrum Clock Generator with selectable
multiplier from 1x to 6x outputs.
• Output frequency ranges: 30MHz to 180MHz.
• Modulates external clocks including crystals,
crystal oscillators and ceramic resonators.
• Selectable Center or Down Spread Modulation.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTIONS
The PLL701-05 is a Spread Spectrum Clock
Generator designed for the purpose of reducing EMI
in high-speed digital systems. Any output frequency
can be selected by programming 4 multiplier modes.
The device is designed to operate over a very wide
range of input frequencies and provides 1x to 4x
modulated clock outputs.
PIN CONFIGURATION
Note: . v: 120K
Ω Internal Pull down. ^: 120KΩ Internal Pull up.
OUTPUT CLOCK (FOUT) SELECTION
S0
S1
S2
S3
FIN Range
(MHz)
FOUT
Spread Spectrum
modulation
frequency
Spread Spectrum
0
0
0
0
30 - 60
X1
±0.75%
0
0
0
1
30 - 60
X1
±1.00%
0
0
1
0
30 - 60
X1
-2.50%
0
0
1
1
30 - 60
X1
0.5-1.5%
0
1
0
0
30 - 60
X2
±0.25%
0
1
0
1
30 - 60
X2
±0.5%
0
1
1
0
30 - 60
X2
±0.75%
0
1
1
1
30 - 60
X2
±1.00%
1
0
0
0
30 - 60
X2
-2.50%
1
0
0
1
30 - 60
X2
0.5-1.5%
1
0
1
0
30 - 45
X4
0.25-1.25%
1
0
1
1
30 - 45
X4
0.5-1.5%
1
1
0
0
60 - 120
X1
±0.25%
1
1
0
1
60 - 120
X1
±0.50%
1
1
1
0
60 - 120
X1
0.25-1.25%
1
1
1
1
60 - 120
X1
Fin / 512
0.5-1.5%
1
2
3
4
5
6
7
8
FIN
S0^
S1^
S2 v
VDD
FOUT
GND
S3 v
FIN = 30 ~ 120 Mhz


Similar Part No. - PLL701-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-02 PLL-PLL701-02 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-04 PLL-PLL701-04 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-06 PLL-PLL701-06 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-0XSC PLL-PLL701-0XSC Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0101 ABRACON-ABE0101 Datasheet
216Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com