Electronic Components Datasheet Search
  English  ▼

X  

PCF8551 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8551
Description  Universal 36 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8551 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8551 Datasheet HTML 8Page - NXP Semiconductors PCF8551 Datasheet HTML 9Page - NXP Semiconductors PCF8551 Datasheet HTML 10Page - NXP Semiconductors PCF8551 Datasheet HTML 11Page - NXP Semiconductors PCF8551 Datasheet HTML 12Page - NXP Semiconductors PCF8551 Datasheet HTML 13Page - NXP Semiconductors PCF8551 Datasheet HTML 14Page - NXP Semiconductors PCF8551 Datasheet HTML 15Page - NXP Semiconductors PCF8551 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
NXP Semiconductors
PCF8551
Universal 36 × 4 LCD segment driver
The example in Table 9 and Figure 6 illustrates the segment and backplane mapping of
the display in relation to the display RAM.
For example, in 1:4 multiplex drive mode, the backplanes are served by signals COM0 to
COM3 and the segments are driven by signals SEG0 to SEG35. Contents of addresses
04h to 08h are allocated to the first row (COM0) starting with the LSB driving the leftmost
element and moving forward to the right with increasing bit position. If a bit is logic 0, the
element is off, if it is logic 1 the element is turned on. All register content is LSB to MSB
left to right. Addresses 09h to 0Dh serve COM1 signals, addresses 0Eh to 12h serve
COM2 signals, and addresses 13h to 17h serve COM3 signals.
For displays with fewer segments/elements, the unused bits are ignored.
PCF8551
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.1 — 3 May 2021
12 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com