Electronic Components Datasheet Search
  English  ▼

X  

P701-11SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P701-11SC
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P701-11SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P701-11SC Datasheet HTML 1Page - PhaseLink Corporation P701-11SC Datasheet HTML 2Page - PhaseLink Corporation P701-11SC Datasheet HTML 3Page - PhaseLink Corporation P701-11SC Datasheet HTML 4Page - PhaseLink Corporation P701-11SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 2
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
Number
Type
Description
FIN
1
I
Input Clock Frequency, 24MHz to 120MHz.
S2
2
I
Digital control input to select multiplication factor and SST modulation
amplitude. Has internal pull-up.
S1
3
I
Digital control input to select multiplication factor and SST modulation
amplitude. Has internal pull-up.
S0
4
I
Digital control input to select multiplication factor and SST modulation
amplitude. Has internal pull-down.
GND
5
P
Ground.
FOUT
6
O
SST Modulated Clock Frequency Output. The frequency before modulation is
synthesized by multiplying the input frequency by 1X, 2X, or 4X, depending on
S(0:3).
S3
7
I
Digital control input to select multiplication factor and SST modulation
amplitude. Has internal pull-down.
VDD
8
P
3.3V Power Supply.
FOUT
FIN
S(0:3)
PLL
SST
Control
Logic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com