Electronic Components Datasheet Search
  English  ▼

X  

MAX8900B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8900B
Description  Three Status LED Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8900B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8900B Datasheet HTML 1Page - Maxim Integrated Products MAX8900B Datasheet HTML 2Page - Maxim Integrated Products MAX8900B Datasheet HTML 3Page - Maxim Integrated Products MAX8900B Datasheet HTML 4Page - Maxim Integrated Products MAX8900B Datasheet HTML 5Page - Maxim Integrated Products MAX8900B Datasheet HTML 6Page - Maxim Integrated Products MAX8900B Datasheet HTML 7Page - Maxim Integrated Products MAX8900B Datasheet HTML 8Page - Maxim Integrated Products MAX8900B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Maxim Integrated
Evaluates: MAX8900A/MAX8900B
MAX8900A Evaluation Kit
Figure 3. Connection Diagram and Default Jumper Connections
Table 1. Jumper Functions
*Default position.
FAST-CHARGE RATE
BATTERY OR
SIMULATED
BATTERY
(FIGURE 2)
BAT
VOLTMETER
POWER
SUPPLY
BAT
GND
A*
A*
EV KIT
MAX8900A
*ADJUST THE AMMETERS TO THEIR
LARGEST CURRENT RANGE TO
MINIMIZE THEIR SERIES IMPEDANCE.
DO NOT ALLOW THE AMMETERS TO
OPERATE IN THEIR “AUTORANGE” MODE.
IF CURRENT READINGS ARE NOT
DESIRED, SHORT ACROSS THE AMMETERS.
FC0
JU51
0
FC1
ADJJU10
FC2
JU4
100mA
50mA
ADJ
DONE/PREQUAL
THRESHOLD
10mA
ADJ
THERMISTOR
JU11
ROOM
NTC
1 2 3
JU2
CEN
IN
GND
3
2
1
JU1
JUMPER
NODE OR FUNCTION
POSITION
FUNCTION
JU1
IN input selector
Open
Only the “IN” pad is connected to the MAX8900A’s power input (IN).
1-2
Both the “IN” pad and J3 are connected to IN.
2-3*
Both the “IN” pad and J1 are connected to IN.
JU2
CEN
1-2
Charger is disabled (logic-high).
2-3*
Charger is enabled (logic-low).
JU3
STAT1 output
1-2*
D1 LED indicator is connected to STAT1.
Open
D1 LED indicator is not connected to STAT1.
JU4
DONE/PREQUAL
THRESHOLD adjustment
1-2
Adjustable setting. R23 (50kI potentiometer) and R27 are
connected to DNI.
3-4
10mA setting. R18 (35.7kI) is connected to DNI.
5-6*
50mA setting. R19 (7.68kI) is connected to DNI.
7-8
100mA setting. R20 (3.83kI) is connected to DNI.
JU5
FAST-CHARGE RATE
adjustment
1-2*
Gate of M1 driven high. R10 (35.7kI) is connected to SETI, which
increases the fast-charge current setting by 95mA.
2-3
Gate of M1 driven low. R10 is disconnected from SETI.
4-5
Gate of M2 driven high. R11 (9.09kI) is connected to SETI, which
increases the fast-charge current setting by 375mA.
5-6*
Gate of M2 driven low. R11 is disconnected from SETI.
7-8
Gate of M3 driven high. R12 (4.75kI) is connected to SETI, which
increases the fast-charge current setting by 717mA.
8-9*
Gate of M3 driven low. R12 is disconnected from SETI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com