Electronic Components Datasheet Search
  English  ▼

X  

MAX8844Z Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8844Z
Description  CCCV, Thermally Regulated Linear Single-Cell LiBattery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8844Z Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8844Z Datasheet HTML 1Page - Maxim Integrated Products MAX8844Z Datasheet HTML 2Page - Maxim Integrated Products MAX8844Z Datasheet HTML 3Page - Maxim Integrated Products MAX8844Z Datasheet HTML 4Page - Maxim Integrated Products MAX8844Z Datasheet HTML 5Page - Maxim Integrated Products MAX8844Z Datasheet HTML 6Page - Maxim Integrated Products MAX8844Z Datasheet HTML 7Page - Maxim Integrated Products MAX8844Z Datasheet HTML 8Page - Maxim Integrated Products MAX8844Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAX8844Z Evaluation Kit
4
_______________________________________________________________________________________
MAX8844Z
EVALUATION KIT+
JU4
-
+
-
-
+
POK
USB
ABI
CHG
EN
BATT+
BATT-
SAFEUSB
POWER
SUPPLY (PS2)
+5V
-
POWER
SUPPLY (PS3)
+5V
-
DMM2
+
DMM1
DMM4
-
+ DMM3
JU1
D1
D2
SHUNT INSTALLED = ABI CONNECTED TO VI/O.
SHUNT NOT INSTALLED = ABI UNCONNECTED.
D2 EMITS LIGHT WHEN VALID POWER
SUPPLY IS CONNECTED.
SHUNT INSTALLED = IC ENABLED.
SHUNT NOT INSTALLED = IC DISABLED.
JU3
JU2
SHUNT INSTALLED = ABO, MAX8844Y ONLY.
SHUNT NOT INSTALLED = ABO, MAX8844Z ONLY.
( ) = MAX8844Y ONLY.
SHUNT INSTALLED = BATTERY PRESENT.
SHUNT NOT INSTALLED = BATTERY ABSENT.
D1 EMITS LIGHT WHEN BATTERY
CHARGER IS ON.
10A
AMMETER
Li+
+
-
POWER
SUPPLY (PS1)
+5V
+
Figure 1. Test Procedure Setup for MAX8844Z EV Kit
JUMPER
DEFAULT
SETTINGS
FUNCTION
JU1
Installed
JU1 connects
EN (active-low enable input) to VI/O (system supply). Install a shunt on JU1 to
disable the IC.
EN has an internal pulldown resistor to GND. Leave JU1 open to enable the IC.
JU2
Installed
JU2 connects DETBAT (battery pack ID resistor detection input) to GND through R5. Install a
shunt on JU2 to simulate battery present. Leave JU2 open to simulate battery absent.
JU3
Not installed
Leave JU3 open when evaluating the MAX8844Z with an active-high autobooting logic output
(ABO). Install a shunt on JU3 to connect
ABO to the VI/O supply through R8 in order to achieve
a logic-high output on the drain of the internal open-drain MOSFET (MAX8844Y only).
JU4
Not installed
JU4 connects ABI (autobooting input) to VI/O (system supply). Install a shunt on JU4 to connect
ABI to VI/O. Leave JU4 open to leave ABI unconnected and when ABI is driven by an external
source.
Table 1. Jumper Settings (JU1–JU4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com