Electronic Components Datasheet Search
  English  ▼

X  

PLL701-10DI Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PLL701-10DI
Description  Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-10DI Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL701-10DI Datasheet HTML 1Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 2Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 3Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 4Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 5Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 6Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 7Page - PhaseLink Corporation PLL701-10DI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL701-10
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 8
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL701-10 X C
Order Number
Marking
Package Option
PLL701-10XC
P701-10XC
SSOP –Tubes
PLL701-10XC-R
P701-10XC
SSOP –Tape & Reel
PLL701-10DC
P701-10DC
Die –Waffle Pack
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
X=SSOP; D=DIE
C
L
A
16 PIN SSOP
mm
BSC
Symbol
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.20
0.30
0.008
0.012
C
0.18
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.81
3.99
0.150
0.157
H
5.79
6.20
L
0.41
1.27
0.016
0.050
e
0.635 BASIC
E
H
D
A1
e
B
0.228
0.244
0.025 BASIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com