Electronic Components Datasheet Search
  English  ▼

X  

MAX8804W Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8804W
Description  Power-Present and Charger-Status Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804W Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8804W Datasheet HTML 1Page - Maxim Integrated Products MAX8804W Datasheet HTML 2Page - Maxim Integrated Products MAX8804W Datasheet HTML 3Page - Maxim Integrated Products MAX8804W Datasheet HTML 4Page - Maxim Integrated Products MAX8804W Datasheet HTML 5Page - Maxim Integrated Products MAX8804W Datasheet HTML 6Page - Maxim Integrated Products MAX8804W Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DC Charging Mode
The MAX8804V/MAX8804W/MAX8804Y/MAX8804Z
automatically select between either a USB or AC
adapter input source. Drive SET low or leave it uncon-
nected to enable DC charging mode. Subsequent
pulses on SET program the charging current and the
top-off threshold. There are seven fast-charge current
options and four top-off threshold options. Pulse SET
high (1µs to 1ms pulse width) subsequently to realize
charging current and top-off threshold programming and
transition. After the 28th pulse, the MAX8804V/
MAX8804W/MAX8804Y/MAX8804Z return to the default
mode and start a new cycle. See Tables 2, 3, and 4 to
set the desired charging current and top-off threshold.
Drive SET high longer than 2ms to disable DC charging
control circuitry.
USB Charging Mode
Drive SET high to enable USB charging mode when the
USB input is valid. Subsequent low pulses with 1µs to
1ms pulse width on SET program the fast-charging cur-
rent from 95mA, 380mA, to 475mA for the MAX8804Y/
MAX8804Z, and from 380mA, 475mA, to 95mA for the
MAX8804V/MAX8804W, and then repeat a new cycle
as shown in Tables 5 and 6. Drive SET low or leave it
unconnected longer than 2ms to disable USB charging
control circuitry.
MAX8804Z Evaluation Kit
4
_______________________________________________________________________________________
PULSE
NUMBER
DEFAULT
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
12th
13th
14th
ICHG (mA)
450
450
450
450
550
550
550
550
500
500
500
500
400
400
400
Top-Off Current
Threshold (mA)
120
140
180
200
120
140
180
200
120
140
180
200
120
140
180
PULSE
NUMBER
—
15th
16th
17th
18th
19th
20th
21st
22nd
23rd
24th
25th
26th
27th
28th
ICHG (mA)
—
400
600
600
600
600
650
650
650
650
700
700
700
700
450
Top-Off Current
Threshold (mA)
—
200
120
140
180
200
120
140
180
200
120
140
180
200
120
Table 4. MAX8804V DC Charging Current Programming by Series Pulses
PULSE
NUMBER
DEFAULT
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
12th
13th
14th
ICHG (mA)
450
450
450
450
550
550
550
550
500
500
500
500
400
400
400
Top-Off Current
Threshold (mA)
80
90
100
70
80
90
100
70
80
90
100
70
80
90
100
PULSE
NUMBER
—
15th
16th
17th
18th
19th
20th
21st
22nd
23rd
24th
25th
26th
27th
28th
ICHG (mA)
—
400
600
600
600
600
650
650
650
650
700
700
700
700
450
Top-Off Current
Threshold (mA)
—
70
80
90
100
70
80
90
100
70
80
90
100
70
80
Table 3. MAX8804W DC Charging Current Programming by Series Pulses



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com