Electronic Components Datasheet Search
  English  ▼

X  

MAX7347 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7347
Description  Proven PC Board Layout
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7347 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7347 Datasheet HTML 1Page - Maxim Integrated Products MAX7347 Datasheet HTML 2Page - Maxim Integrated Products MAX7347 Datasheet HTML 3Page - Maxim Integrated Products MAX7347 Datasheet HTML 4Page - Maxim Integrated Products MAX7347 Datasheet HTML 5Page - Maxim Integrated Products MAX7347 Datasheet HTML 6Page - Maxim Integrated Products MAX7347 Datasheet HTML 7Page - Maxim Integrated Products MAX7347 Datasheet HTML 8Page - Maxim Integrated Products MAX7347 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Quick Start
Required Equipment
Before you begin, you need the following equipment:
•
Maxim MAX7349 EV kit
•
USB-type A-B cable (included with MAX7349EVKIT)
•
Windows 98SE/2000/XP computer with a spare
USB port
•
Administrator privileges may be required when first
installing the device on Windows 2000/XP
Procedure
Do not turn on the power until all connections are
made.
1) Ensure that the jumper settings are in the default
positions. See Table 1.
2) Install the evaluation software on your computer by
running the INSTALL.EXE program on the installa-
tion disk. The program files are copied and icons
are created for them in the Windows Start menu.
3) Connect the USB cable between the MAX7349 EV kit
and the computer. When you plug in the MAX7349 EV kit
board for the first time, the Windows plug-and-play
system detects the new hardware and automatically
runs the Add New Hardware Wizard. (If the Add
New Hardware Wizard does not appear after one
minute, unplug the USB cable and plug it in again.)
Be sure to specify the search location. This EV kit is
based on the CMAXQUSB design, so the software
includes a copy of the device driver in the installed
software directory. Refer to Application Note 3601
Troubleshooting Windows Plug-and-Play and USB
for Maxim Evaluation Kits for more details.
4) During device driver installation, Windows XP
shows a warning message, indicating that the
MAX7349 Evaluation Kit
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
R22
0
21.5k
Ω ±1% resistor (1206),
not installed
R23
0
32.4k
Ω ±1% resistor (1206),
not installed
R24
0
21.5k
Ω ±1% resistor (1206),
not installed
R25
0
10
Ω ±5% resistor (1206),
not installed
U1
1
Maxim MAX7349AEG (24-pin QSOP)
U2
1
FTDI FT232BM
(32-pin TQFP, 7mm x 7mm)
U3
1
Maxim MAX8511EXK25-T
ADV top mark (5-pin SC70)
U4
1
93C46 type 3-wire EEPROM
16-bit architecture (8-pin SO)
U5
1
Maxim MAXQ2000-RAX (68-pin QFN)
U6
0
Maxim MAX4366EUA+ (8-pin µMAX)
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
VR1
1
Volume control, 5k
Ω
Panasonic EVL-HFAA01A53
Y1
1
16MHz crystal (HC49/US),
parallel resonant, 20pF load
Citizen HC49US16.000MABJ
ECS ECS-160-20-4
Suntsu SCS20B-16.000MHZ-I
Y2
1
6MHz crystal (HC49/US)
Citizen HC49US6.000MABJ
Suntsu SCS22B-6.000MHZ-I
Y3
1
32.768kHz watch crystal,
12.5pF cylindrical
Epson C-001R 32.7680K-A
Suntsu SCT3-32.768KHZ
—8
Shunts
—1
MAX7349 EV kit PC board
—4
Rubber bumpers, 0.100in (H) x
0.400in (W) square
—1
USB high-speed A-to-B cable,
5ft (1.5m)
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Murata
770-436-1300 www.murata.com
Panasonic
714-373-7366 www.panasonic.com
Suntsu Frequency
Control
949-305-0220 www.suntsuinc.com
Taiyo Yuden
800-348-2496 www.t-yuden.com
TDK
847-803-6100 www.component.tdk.com
Note: Indicate that you are using the MAX7349 when contacting
these component suppliers.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com