Electronic Components Datasheet Search
  English  ▼

X  

PLL701-50 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL701-50
Description  Low EMI Spread Spectrum Multiplier IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-50 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL701-50 Datasheet HTML 1Page - PhaseLink Corporation PLL701-50 Datasheet HTML 2Page - PhaseLink Corporation PLL701-50 Datasheet HTML 3Page - PhaseLink Corporation PLL701-50 Datasheet HTML 4Page - PhaseLink Corporation PLL701-50 Datasheet HTML 5Page - PhaseLink Corporation PLL701-50 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PLL701-50
Low EMI Spread Spectrum Multiplier IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 5
PAD ASSIGNMENT (LOWER LEFT CORNER: X = 0, Y = 0)
Pad #
Name
X (
µm)
Y (
µm)
Description
1
SC2
338.9
104.7
Digital control input to select SS modulation magnitude.30k
Ω internal pull-up.
2
N/C
569
104.7
3
N/C
780.5
104.7
4
GND
1027.6
104.7
Ground.
5
GND
1127.3
104.7
Ground.
6
GND
1284.5
104.7
Ground.
7
GNDBUF
1595.1
139.7
Ground, Buffer Circuitry
8
FOUT
1595.1
381.7
Modulated Clock Frequency Output. The input frequency is multiplied per
M(0:2), modulation type is selected per SD(0:1) and modulation rate is
selected per SC(0:3).
9
N/C
1595.1
596.3
10
OE
1595.1
811.9
Output Enable. When low, Tri-states all outputs. 30k
Ω internal pull-up.
11
N/C
1595.1
970.3
12
SC3
1595.1
1069.3
Digital control input to select SS modulation magnitude.30k
Ω internal pull-up.
13
VDD (Optional)
1595.1
1312.3
3.3V power supply, Optional
14
VDD (Optional)
1595.1
1555.6
3.3V power supply, Optional
15
VDD
1595.1
1656.8
3.3V power supply.
16
REF/SD1
1595.1
1879.9
At power-up, this pin acts as input pin to select the modulation type and is
latched in. After the input sampling, this pin provides a buffered Reference
Clock Output of the same frequency as the crystal or clock input. 30k
Ω
internal pull-up.
17
AVDD
1595.1
2093
3.3V Analog power supply.
18
AVDD
1595.1
2390.6
3.3V Analog power supply.
19
AVDD
1369.2
2435
3.3V Analog power supply.
20
GND (Optional)
1037.3
2435
Ground, Optional
21
GND (Optional)
824.7
2435
Ground, Optional
22
XIN
529.7
2435
Crystal input to be connected to fundamental parallel mode crystal. (CL=18pF)
or clock input.
23
XOUT/SD0
105.6
2343.5
At power-up, this pin is acts as input pin to select the modulation type. After
the input sampling, it is used as crystal output connector. 120k
Ω internal pull
up resistor.
24
N/C
105.6
2136.1
25
GNDOSC
105.6
2035.6
Ground, Oscillator Circuitry
26
N/C
105.6
1934.9
27
N/C
105.6
1741.5
28
M2
105.6
1641.4
Digital control input to select multiplier. 30k
Ω internal pull-up.
29
M1
105.6
1396.2
Digital control input to select multiplier. 30k
Ω internal pull-up.
30
M0
105.6
1180.3
Digital control input to select multiplier. 30k
Ω internal pull-up.
31
N/C
105.6
993.5
32
N/C
105.6
836.7
33
TESTB
105.6
680.1
Disables multiplication and SST when pulled low. For crystal fine tuning.
Internal pull up.
34
SC0
105.6
354.9
Digital control input to select SS modulation magnitude.30k
Ω internal pull-up.
35
SC1
105.6
110.7
Digital control input to select SS modulation magnitude.30k
Ω internal pull-up.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com