| Electronic Components Datasheet Search |
|
MAXSMBUS Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXSMBUS Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 5 page ![]() MAX6654 Evaluation System 2 _______________________________________________________________________________________ Quick Start Before you begin, you will need the following equip- ment: • An IBM PC-compatible computer running Windows 95/98/2000 • A parallel printer port (this is a 25-pin socket on the back of the computer) • A standard 25-pin, straight-through, male-to-female cable (printer extension cable) to connect the com- puter’s parallel port to the SMBus interface board • A DC power supply capable of supplying any volt- age between +7V and +20V at 100mA Procedure 1) Carefully connect the boards by aligning the 20-pin connector of the MAX6654 EV kit with the 20-pin header of the MAXSMBUS interface board. Gently press them together. The two boards should be flush against each other. 2) Make sure switch SW1 on the MAX6654 EV kit is in the OFF position. Do not turn on the power until all connections are made. 3) Connect the power supply to the pads labeled POS9 and GND1 of the SMBus interface board. 4) Make sure JU3 is set to the 1-2 position. 5) Connect a cable from the computer’s parallel port to the SMBus interface board. Use a straight-through 25-pin female-to-male cable. To avoid damaging the EV kit or your computer, do not use a 25-pin SCSI port or any other connector that is physically similar to the 25-pin parallel printer port. 6) The MAX6654.EXE software program can be run from the floppy or hard drive. Use the Windows pro- gram manager to run the program. If desired, you may use the INSTALL.EXE program to copy the files and create icons for them in the Windows 95/98/2000 Start menu. An uninstall program is included with the software. Click on the UNINSTALL icon to remove the EV kit software from the hard drive. 7) Turn on the power supply. 8) Turn the EV kit on by moving SW1 to the ON posi- tion. 9) Start the MAX6654 program by opening its icon in the Start menu. 10) Observe as the program automatically detects the address of the MAX6654 and starts the main program. Note: The MAX6654 reads the address select pins at device power-up only. Detailed Description User-Interface Panel The user interface is easy to operate. Use the mouse, or press the Tab key to navigate with the arrow keys. Each of the buttons corresponds to bits in the com- mand and configuration bytes. By clicking on them, the correct SMBus write operation is generated to update the internal registers. Note: Words in bold are user-selectable features in the software. The program continually polls the device for new tem- perature data and status, and monitors for alert condi- tions. To disable the continuous polling of data, uncheck the Automatic Read checkbox. To change the THIGH and TLOW threshold comparison registers, select the appropriate data field and type in the new value. Pressing Enter, after typing in the new values, updates the internal registers. If an interrupt condition is generated by the tempera- ture crossing one of the alarm threshold levels, the message ALERT will appear. To clear the interrupt, first eliminate the condition that caused it and then click on Read Alert. This action reads the Alert Response address, returns the value of the current MAX6654 slave address, and clears the interrupt. Note: The least significant bit (LSB) of the address is the read/write sta- tus bit; therefore, the address returned will be 1 higher. To make single-shot conversions, check the STOP checkbox under Configuration Byte, and then click on the One-Shot button. Single-shot conversions can also be performed while the device is autoconverting. The SUPPLIER PHONE FAX Central Semiconductor 515-435-1110 515-435-1824 Fairchild 408-822-2000 408-822-2102 General Semiconductor 631-847-3000 631-847-3236 Murata 814-237-1431 814-238-0490 On Semiconductor 602-303-5454 602-994-6430 Taiyo Yuden 408-573-4150 408-573-4159 Vishay/Lite-On Diodes, Inc. 805-446-4800 805-446-4850 Component Suppliers Note: Please indicate you are using the MAX6654 when con- tacting these component suppliers. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |