Electronic Components Datasheet Search
  English  ▼

X  

MAX5992A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5992A
Description  IEEE 802.3af/at-Compliant PD Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5992A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5992A Datasheet HTML 1Page - Maxim Integrated Products MAX5992A Datasheet HTML 2Page - Maxim Integrated Products MAX5992A Datasheet HTML 3Page - Maxim Integrated Products MAX5992A Datasheet HTML 4Page - Maxim Integrated Products MAX5992A Datasheet HTML 5Page - Maxim Integrated Products MAX5992A Datasheet HTML 6Page - Maxim Integrated Products MAX5992A Datasheet HTML 7Page - Maxim Integrated Products MAX5992A Datasheet HTML 8Page - Maxim Integrated Products MAX5992A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX5992A
MAX5992B
MAX5992A Evaluation Kit
2x2P PD Configuration
Jumper JU1 sets the 2x2P PD configuration of the devic-
es. See Table 1 for shunt positions.
Power Good (PG)
Jumper JU2 sets the PG output for 2x2P PD and multi-PD
configurations. See Table 2 for shunt positions.
Multi-PD Redundancy Configuration
The EV kit provides an option to configure for multi-PD
redundancy operation. Set jumpers JU1, JU2 accord-
ingly and remove resistors R116, R117 for redundancy
configuration.
Jumper JU3 sets the multi-PD redundancy configuration
of U1. See Table 3 for shunt positions.
Jumper JU4 sets the multi-PD redundancy configuration
of U2. See Table 4 for shunt positions.
PD Classification Signature
The EV kit is configured for a Class 5 (> 25.5W) PD
classification by resistors R51 and R56. To reconfig-ure
the PD classification, replace the surface-mount 0805
resistors, R51 and R56. Table 5 lists the PD classification
options.
Table 1. JU1 Jumper Selection (SIG_OK)
Table 2. JU2 Jumper Selection (PG)
Table 3. JU3 Jumper Selection (RDCY_SEL of U1)
Table 4. JU4 Jumper Selection (RDCY_SEL of U2)
Table 5. PD Classification Signature Selection
SHUNT POSITION
SIG_OK PINS
2x2P PD CONFIGURATION
Installed*
U1 SIG_OK connects to U2 SIG_OK
Enabled
Not installed
U1 SIG_OK and U2 SIG_OK unconnected
Disabled
SHUNT POSITION
PG PINS
2x2P PD AND MULTI-PD CONFIGURATION
Installed*
U1 PG connects to U2 PG
2x2 PD and multi-PD
Not installed
U1 PG and U2 PG unconnected
Operate with U1 only
SHUNT POSITION
RDCY_SEL PIN (U1)
MULTI-PD REDUNDANCY CONFIGURATION
Installed
Forced to -54V1
Enabled
Not installed*
Unconnected
Disabled
SHUNT POSITION
RDCY_SEL PIN (U1)
MULTI-PD REDUNDANCY CONFIGURATION
Installed
Forced to -54V2
Enabled
Not installed*
Unconnected
Disabled
CLASS
MAXIMUM POWER USED BY PD (W)
RESISTORS R51, R56(Ω)
0
0.44 to 12.95
615
1
0.44 to 3.84
118
2
3.84 to 6.49
69.8
3
6.49 to 12.95
45.3
4
12.95 to 25.5
30.9
5
> 25.5
21.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com