Electronic Components Datasheet Search
  English  ▼

X  

MAX5992B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5992B
Description  IEEE 802.3af/at-Compliant PD Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5992B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5992B Datasheet HTML 1Page - Maxim Integrated Products MAX5992B Datasheet HTML 2Page - Maxim Integrated Products MAX5992B Datasheet HTML 3Page - Maxim Integrated Products MAX5992B Datasheet HTML 4Page - Maxim Integrated Products MAX5992B Datasheet HTML 5Page - Maxim Integrated Products MAX5992B Datasheet HTML 6Page - Maxim Integrated Products MAX5992B Datasheet HTML 7Page - Maxim Integrated Products MAX5992B Datasheet HTML 8Page - Maxim Integrated Products MAX5992B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Evaluates: MAX5992A
MAX5992B
MAX5992A Evaluation Kit
General Description
The MAX5992A/B evaluation kit (EV kit) is a fully assem-
bled and tested surface-mount circuit board featuring
the MAX5992A/B IEEE® 802.3af/at-compliant network
powered device (PD) interface controller IC, which pro
vides PD detection signature, PD classification signature,
inrush current control, undervoltage lockout (UVLO),
and active FET-bridge driver. The EV kit is a compact
and low-cost design used in power-over-Ethernet (PoE)
applications requiring DC power from an Ethernet
network port for PDs, such as fiber-to-the-femotocell/
picocell/microcell, fiber-to-the-home/fiber-to-the-building
(FTTH/FTTB), IP phones, wireless access nodes, and
security cameras.
The EV kit features a 2x2P PD or multi-PD redundancy
configuration using the ICs. The 2x2P powers a galvani-
cally isolated 100W, 250kHz switching-frequency, active-
clamped, synchronous-rectified forward DC-DC converter
using the MAX5974D. The device circuit achieves high
efficiency by using a forward DC-DC converter topology.
The surface-mount transformer provides up to +1500V
galvanic isolation for the output. The EV kit output voltage
is configured for +12V and provides up to 8.4A load current.
Note: In the multi-PD redundancy mode, the total output
power must be reduced to 50W, which is limited by the
LAN transformer on board. Its port current must be limited
to 1.2A per 2 pair.
The EV kit circuit receives its power from IEEE 802.3af/
at-compliant power-sourcing equipment (PSE). The PSE
provides the required -44V to -57V DC power over a
twisted-pair Ethernet network cable to the EV kit’s RJ45
connectors. The EV kit features an active FET bridge for
separating the DC power provided by an end-span or
mid-span Ethernet system.
Features
● IEEE 802.3af/at-Compliant PD Interface Circuit
● -39V to -57V Startup Input Voltage Range
● Active FET Bridge
● Demonstrates 2x2P PD and Multi-PD Redundancy
Configurations
● Demonstrates an Isolated 100W Active-Clamped,
Synchronous-Rectified Forward DC-DC Converter
● Isolated +12V Output at 8.4A
● PD Detection and Configurable Classification
Signatures
● Internal UVLO at +38.6V
● Evaluates End Span and Midspan Ethernet Systems
● Proven PCB Layout
● Fully Assembled and Tested
319-100383; Rev 1; 6/19
Ordering Information appears at end of data sheet.
Warning: The EV kit is designed to operate with high voltages. Dangerous voltages are present on this EV kit and on equipment
connected to it. Users who power up this EV kit, or power the sources connected to it, must be careful to follow safety procedures
appropriately to work with high-voltage electrical equipment.
Under severe fault or failure conditions, this EV kit may dissipate large amounts of power, which could result in the mechanical
ejection of a component or of component debris at high velocity. Operate this kit with care to avoid possible personal injury.
Click
here for production status of specific part numbers.


Similar Part No. - MAX5992B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5992BETG+ MAXIM-MAX5992BETG+ Datasheet
777Kb / 23P
Multisource, High-Power, High-Performance Powered Device Controllers
2019
More results

Similar Description - MAX5992B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
logo
Maxim Integrated Produc...
MAX5969AEVKIT MAXIM-MAX5969AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 10/11
MAX5995BEVKIT MAXIM-MAX5995BEVKIT Datasheet
867Kb / 17P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
Rev 0; 11/18
MAX5986AEVKIT MAXIM-MAX5986AEVKIT Datasheet
1Mb / 8P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/12
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5974EEVKIT MAXIM-MAX5974EEVKIT Datasheet
1Mb / 10P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 8/11
MAX5974CEVKIT MAXIM-MAX5974CEVKIT Datasheet
599Kb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 11/11
MAX5974AEVKIT MAXIM-MAX5974AEVKIT Datasheet
1Mb / 11P
IEEE 802.3af/at-Compliant PD Interface Circuit
Rev 0; 5/11
MAX5996AEVKIT MAXIM-MAX5996AEVKIT Datasheet
1Mb / 22P
IEEE 802.3af/at/bt-Compliant PD Interface Circuit
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com