Electronic Components Datasheet Search
  English  ▼

X  

PLL502-10DI Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PLL502-10DI
Description  750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-10DI Datasheet(HTML) 7 Page - PhaseLink Corporation

  PLL502-10DI Datasheet HTML 1Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 2Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 3Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 4Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 5Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 6Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 7Page - PhaseLink Corporation PLL502-10DI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
PLL502-10
750kHz – 400MHz Low Phase Noise VCXO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 7
PAD ASSIGNMENT
Pad #
Name
X (
µµm)
Y (
µµm)
1
GND
248
109
2
GND
361
109
3
GND
473
109
4
GND
587
109
5
GND
702
109
6
N/C
874
109
7
GND
1042
109
8
GNDBUF
1171
109
9
OE_SELECT
1400
125
10
LVDS
1400
259
11
PECL
1400
476
12
VDDBUF
1400
616
13
VDDBUF
1400
716
14
PECLB
1400
871
15
LVDSB
1400
1089
16
CMOS
1400
1227
17
GNDBUF
1389
1365
18
OUTSEL1
1232
1365
19
SEL1
1042
1365
20
SEL0
854
1365
21
VDD
659
1365
22
VDD
559
1365
23
VDD
459
1365
24
VDD
358
1365
25
OUTSEL0
194
1365
26
XIN
109
1223
27
XOUT
109
1017
28
SEL3
109
858
29
SEL2
109
646
30
OE_CTRL
109
397
31
VCON
109
181



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com