Electronic Components Datasheet Search
  English  ▼

X  

PLL130-08 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL130-08
Description  High Speed Translator Buffer to PECL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-08 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL130-08 Datasheet HTML 1Page - PhaseLink Corporation PLL130-08 Datasheet HTML 2Page - PhaseLink Corporation PLL130-08 Datasheet HTML 3Page - PhaseLink Corporation PLL130-08 Datasheet HTML 4Page - PhaseLink Corporation PLL130-08 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL130-08
High Speed Translator Buffer to PECL
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 1
FEATURES
• Differential PECL output
• Single AC coupled input (min. 100mV swing).
• Input range from DC to 1.0 GHz.
• 2.5V to 3.3V operation.
• Available in 8-Pin SOIC or 3x3mm QFN.
DESCRIPTION
The PLL130-08 is a low cost, high performance,
high speed, buffer that reproduces any input fre-
quency from DC to 1.0GHz. It provides a pair of
differential PECL output. Any input signal with at
least 100mV swing can be used as reference
signal. This chip is ideal for conversion from sine
wave, TTL, CMOS, or LVDS to PECL.
PIN CONFIGURATION
(TOP VIEW)
BLOCK DIAGRAM
Input
Amplifier
PECL_BAR
REF_IN
PECL
1
2
3
45
6
7
8
GND
REF_IN
GND
PECL
VDD
PECL_BAR
VDD
GND
PLL130-08
PECL_BAR
PECL
GND
VDD
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
GND
GND
GND
OE^
Note: ^ denotes internal pull up


Similar Part No. - PLL130-08

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC PLL-PLL130-05QC Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC-R PLL-PLL130-05QC-R Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QI PLL-PLL130-05QI Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-05SC PLL-PLL130-05SC Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
More results

Similar Description - PLL130-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
High Speed Translator Buffer to CMOS
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
PLL130-09 PLL-PLL130-09 Datasheet
237Kb / 5P
High Speed Translator Buffer to LVDS
PLL130-68 PLL-PLL130-68 Datasheet
224Kb / 5P
High Speed Translator Buffers: Single ended to PECL or LVDS
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
High Speed Translator Buffer to LVCMOS
06/23/16
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
High Speed Translator Buffer to CMOS (Selectable Drive)
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
High Speed Translator Buffer to PECL
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
High Speed Translator Buffer to LVDS
ABB3068 ABRACON-ABB3068 Datasheet
101Kb / 5P
High Speed Translator Buffers: Single ended to PECL or LVDS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com