Electronic Components Datasheet Search
  English  ▼

X  

PLL702-02OCLR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL702-02OCLR
Description  Low EMI Peripheral Clock Generator for Notebook & Motherboards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-02OCLR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL702-02OCLR Datasheet HTML 1Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 2Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 3Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 4Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 5Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 6Page - PhaseLink Corporation PLL702-02OCLR Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL702-02
Low EMI Peripheral Clock Generator for Notebook & Motherboards
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/30/05 Page 3
PIN DESCRIPTIONS
Name
Pin#
Type
Description
VDDOSC
1
P
3.3V power supply for oscillator, analog core and digital circuitry.
XIN
2
I
Crystal input: accepts either 24.576MHz or 14.31818MHz fundamental crystal (CL =
20pF, parallel resonant mode, +/-20ppm). On-chip load capacitors: no external load
capacitors required. (See the table #4 )
XOUT
3
O
Crystal output.
VSSOSC
4
P
Ground connection.
VSSB1
5
P
Ground connection.
24.576MHz/SST0
6
B
Bi-directional and Tri-Level pin. Upon power-on, the value of SST0 is latched in and
used to select the SST control (see Spread Spectrum selection table 1). Tri level input:
M = Do not connect, 1 = Pull up, 0 = Pull down. After power-up this pin acts as
24.576MHz output clock.
24.576MHz/SST1
7
B
Bi-directional pin. Upon power-on, the value of SST1 is latched in and used to select
the SST control (see Spread Spectrum selection table 1). Internal pull down defaults
SST1 to 0, use external pull-up to set to 1. After power-up this pin acts as 24.576MHz
output clock.
VDDB1
8
P
3.3V power supply for 24.576MHz clock.
VDD25M
9
P
3.3V power supply for 25MHz, 10_8MHz, 12MHz, 24.576MHz.
25MHzx2
10
O
25MHz Ethernet output clock (double drive strength).
VSS25M
11
P
Ground connection.
12MHz/VDD_SEL
12
B
Bi-directional pin. Upon power-on, the value of VDD_SEL is latched in and used to
select the power (see Power Selection table 2 ). Internal pull down defaults SST1 to 0,
use external pull-up to set to 1. After power-up this pin acts as 12MHz output clock.
10_8MHz/SEL10_8
13
B
Bi-directional and Tri-level pin. Upon power-on, the value of SEL10_8 is latched in and
used to select the output frequency (See frequency selection table 3 ). Tri level input: M
= Do not connect, 1 = Pull up, 0 = Pull down. After power-up this pin acts as 10MHz
clock, 8MHz clock, or “No output”, depending on SEL10_8.
VSSB2
14
P
Ground connection.
27_14.318MHz/XTAL_SEL
15
B
Bi-directional pin. Upon power-on, the value of XTAL_SEL is latched in and used to set
the input crystal frequency (24.575MHz or 14.31818MHz). Set XTAL_SEL to 0 (default)
for 24.576MHz input crystal, set XTAL_SEL to 1 for 14.31818MHz input crystal (see
Crystal Selection Table on page 1). . After power-up this pin acts as 27MHz output
(with 24.576MHz crystal) or as 14.31818MHz pass through clock (with 14.31818MHz
crystal), depending on the input crystal.
The 27MHz output can be modulated for low EMI using Spread Spectrum.
VDDB2
16
P
3.3V power supply for 27MHz, 10MHz, 12MHz, and 24.576MHz.
FUNCTIONAL DESCRIPTION
Tri-level and two-level inputs
In order to reduce pin usage, the PLL702-02 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 =
Connect to GND, 1 = Connect to VDD, M = Do not connect. Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one”, the pin must be connected to VDD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com