Electronic Components Datasheet Search
  English  ▼

X  

PLL130-68 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL130-68
Description  High Speed Translator Buffers: Single ended to PECL or LVDS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-68 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL130-68 Datasheet HTML 1Page - PhaseLink Corporation PLL130-68 Datasheet HTML 2Page - PhaseLink Corporation PLL130-68 Datasheet HTML 3Page - PhaseLink Corporation PLL130-68 Datasheet HTML 4Page - PhaseLink Corporation PLL130-68 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL130-68/-69
High Speed Translator Buffers: Single ended to PECL or LVDS
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/29/04 Page 2
PIN DESCRIPTION
Name
Pin number
Type
Description
NC
1, 3, 4, 6,
8, 12, 14
-
No connection.
REFIN
2
I
Reference input signal. The frequency of this signal will be reproduced
at the output (after translation to PECL or LVDS level).
OECTRL
5
I
Output enable input (See OE Logic Table on page 1).
GND
7
P
Ground connector.
OESEL
9
I
Output enable logic selector (See OE Logic Table on page 1).
Q_BAR
10
O
Complementary output. PECL_bar on PLL130-68, LVDS_bar on
PLL130-69.
Q
11
O
True output. PECL on PLL130-68, LVDS on PLL130-69.
VDD
13
P
3.3V Power supply.
Q
15
O
Additional true output. PECL on PLL130-68, LVDS on PLL130-69. This
output is the same as pin 11.
Q_BAR
16
O
Additional complementary output. PECL_bar on PLL130-68, LVDS_bar
on PLL130-69. This output is the same as pin 10.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Fout = 156.25MHz, PECL
45
48
51
Supply Current
(both outputs loaded)
IDD
Fout = 156.25MHz, LVDS
22
25
28
mA
Operating Voltage
VDD
2.97
3.63
V
@ Vdd – 1.3V (PECL)
Same as input
Output Clock Duty Cycle
@ 1.25V (LVDS)
Same as input
%
Short Circuit Current
±50
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com