Electronic Components Datasheet Search
  English  ▼

X  

PLL502-13SSM Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-13SSM
Description  192MHz - 400MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-13SSM Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-13SSM Datasheet HTML 1Page - PhaseLink Corporation PLL502-13SSM Datasheet HTML 2Page - PhaseLink Corporation PLL502-13SSM Datasheet HTML 3Page - PhaseLink Corporation PLL502-13SSM Datasheet HTML 4Page - PhaseLink Corporation PLL502-13SSM Datasheet HTML 5Page - PhaseLink Corporation PLL502-13SSM Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
PLL502-13
192MHz – 400MHz Low Phase Noise PECL VCXO (12 – 25MHz Crystal)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 7/15/02 Page 4
5. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 311MHz
With capacitive decoupling
between VDD and GND.
9
ps
Accumulated jitter RMS at
311MHz
With capacitive decoupling
between VDD and GND. Over
10,000 cycles.
TBM
ps
Integrated jitter RMS at 311MHz
Integrated 12 kHz to 20 MHz
4
ps
Phase Noise relative to carrier
311MHz @10Hz offset
-60
dBc/Hz
Phase Noise relative to carrier
311MHz @100Hz offset
-90
dBc/Hz
Phase Noise relative to carrier
311MHz @1kHz offset
-111
dBc/Hz
Phase Noise relative to carrier
311MHz @10kHz offset
-115
dBc/Hz
Phase Noise relative to carrier
311MHz @100kHz offset
-110
dBc/Hz
Note: Phase Noise measured at VIN = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com