Electronic Components Datasheet Search
  English  ▼

X  

TGP2102 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGP2102
Description  35 GHz 5-Bit Digital Phase Shifter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGP2102 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGP2102 Datasheet HTML 1Page - Qorvo, Inc TGP2102 Datasheet HTML 2Page - Qorvo, Inc TGP2102 Datasheet HTML 3Page - Qorvo, Inc TGP2102 Datasheet HTML 4Page - Qorvo, Inc TGP2102 Datasheet HTML 5Page - Qorvo, Inc TGP2102 Datasheet HTML 6Page - Qorvo, Inc TGP2102 Datasheet HTML 7Page - Qorvo, Inc TGP2102 Datasheet HTML 8Page - Qorvo, Inc TGP2102 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TGP2102
35 GHz 5-Bit Digital Phase Shifter
Datasheet Rev. B. Jan. 29, 2021 | Subject to change without notice
- 2 of 9 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Value
Control and Supply Voltages
-8 V
Control Current
1 mA
Power Dissipation
0.1 W
Input Power, CW
20 dBm
Channel Temperature
150 °C
Mounting Temperature (30 Seconds)
320 °C
Storage Temperature
-65 to 150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress
ratings only, and functional operation of the device at these
conditions is not implied. Extended application of Absolute
Maximum Rating conditions may reduce device reliability.
Recommended Operating Conditions
Parameter
Value
Control Voltage (VC)
-5/0 V
Reference Voltage (VSUPPLY)
-5 V
Operating Temperature Range
-40 to +85 ºC
Electrical specifications are measured at specified test
conditions.
Specifications
are
not
guaranteed
overall
operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: 25°C.
VSUPPLY = -5 V, VC = -5/0 V; see State Table.
Parameter
Min
Typical
Max
Units
Operational Frequency Range
32
37
GHz
Insertion Loss
7
dB
Input Return Loss
14
dB
Output Return Loss
7
dB
Peak Phase Shift Error
5
deg
RMS Phase Shift Error
4
deg
Peak Amplitude Error
1
dB
RMS Amplitude Error
0.7
dB
Notes: The data are from the typical devices as determined by fixtured measurements.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com