Electronic Components Datasheet Search
  English  ▼

X  

TGL4203 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGL4203
Description  50 GHz Wideband Analog Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGL4203 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGL4203 Datasheet HTML 1Page - Qorvo, Inc TGL4203 Datasheet HTML 2Page - Qorvo, Inc TGL4203 Datasheet HTML 3Page - Qorvo, Inc TGL4203 Datasheet HTML 4Page - Qorvo, Inc TGL4203 Datasheet HTML 5Page - Qorvo, Inc TGL4203 Datasheet HTML 6Page - Qorvo, Inc TGL4203 Datasheet HTML 7Page - Qorvo, Inc TGL4203 Datasheet HTML 8Page - Qorvo, Inc TGL4203 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
2
August 2011 © Rev -
TGL4203
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Attenuation Control Voltage Range
-5 to +0.5 V
| IG1 |
Gate 1 Supply Current
2.2 mA
| IG2 |
Gate 2 Supply Current
19.8 mA
PIN
Input Continuous Wave Power
24 dBm
PD
Power Dissipation
TBD
TCH
Operating Channel Temperature
200 °C
2/
TM
Mounting Temperature (30 Seconds)
320 °C
TSTG
Storage Temperature
-65 to 150 °C
1/
These ratings represent the maximum operable values for this device.
2/
Junction operating temperature will directly affect the device median time to failure (TM). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possible
levels.
TABLE II
ELECTRICAL CHARACTERISTICS
(Ta = 25 °C Nominal)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Attenuation Control
Voltage
DC ~ 50 GHz
-1.3
-1 to 0
0
V
IL
Insertion Loss
DC – 20 GHz
20 – 40 GHz
40 – 50 GHz
1.4
1.9
2.5
2
2.5
4
dB
Maximum Attenuation
(max – min) Insertion Loss
DC – 20 GHz
20 – 50 GHz
13
10
15
15
17
20
dB
IRL
Input Return Loss
DC ~ 50 GHz
15
dB
ORL
Output Return Loss
DC ~ 50 GHz
15
dB
Pin1dB
Input Power @ 1dB Atten.
Change
5 to 25 GHz
*
dBm
Group Delay Variation
DC ~ 50 GHz
+/-5
psec
Max. Insertion Loss Ripple
(peak to peak)
DC ~ 50 GHz
0.5
dB
* Pin1dB varies depending on Attenuation State and frequency. See graphs on page 3 for details



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com