Electronic Components Datasheet Search
  English  ▼

X  

MAX9736B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9736B
Description  Shutdown and Mute Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9736B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9736B Datasheet HTML 1Page - Maxim Integrated Products MAX9736B Datasheet HTML 2Page - Maxim Integrated Products MAX9736B Datasheet HTML 3Page - Maxim Integrated Products MAX9736B Datasheet HTML 4Page - Maxim Integrated Products MAX9736B Datasheet HTML 5Page - Maxim Integrated Products MAX9736B Datasheet HTML 6Page - Maxim Integrated Products MAX9736B Datasheet HTML 7Page - Maxim Integrated Products MAX9736B Datasheet HTML 8Page - Maxim Integrated Products MAX9736B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Internal Regulator Enable (REGEN)
The MAX9736A provides an option to disable the internal
regulator when an optional external power supply is con-
nected to the VS and AGND pads on the EV kit to power
the MAX9736A preamplifiers. Jumper JU3 controls the
internal regulator enable (REGEN) pin on the MAX9736A
IC (see Table 4 for shunt positions). See the
Optional
External Preamplifier Power Supply (VS) section.
Mute Function (
MUTE)
The MAX9736A features a mute function to mute the
audio output of the EV kit. Jumper JU4 controls the
mute (
MUTE) pin of the MAX9736A IC (see Table 5 for
shunt positions).
Modulation Scheme (MOD)
The MAX9736A EV kit provides an option to select the
modulation scheme for the MAX9736A output. Jumper
JU5 controls the modulation-scheme pin (MOD) of the
MAX9736A IC (see Table 6 for shunt positions).
Mono Mode (MONO)
The MAX9736A EV kit is preconfigured to stereo mode
from the factory. To change the MAX9736A EV kit to
operate in mono mode, short jumper JU6 with a short-
ing wire, connect the FOUTL- to the FOUTR- with a
short banana-lead cable, connect the FOUTL+ to the
FOUTR+ with a short banana-lead cable. Connect the
audio input source to the LIN RCA jack. In mono mode,
the right input (RIN) becomes an uncommitted inverting
op amp that can be used for filtering. Jumper JU6 con-
trols the mono mode for the MAX9736A IC (see Table 7
for shunt positions).
Evaluating the MAX9736B
The MAX9736A EV kit can also evaluate the
MAX9736B. Remove the MAX9736A IC (U1) and
replace it with the MAX9736B IC. The MAX9736B IC is
pin compatible with the MAX9736A IC. The MAX9736B
Class D amplifier can drive 2 x 6W into a pair of 8Ω
speakers in stereo mode, or 1 x 12W into a 4Ω speaker
in mono mode. Refer to the MAX9736A/MAX9736B IC
data sheet for additional information.
MAX9736A Evaluation Kit
4
_______________________________________________________________________________________
Table 4. JU3 Jumper Selection (REGEN)
SHUNT
POSITION
REGEN PIN
CONNECTED TO
EV KIT INTERNAL
REGULATOR
Installed*
DVDD
Enabled
Not
installed
PGND
(through resistor R15)
Disabled
*
Default position.
Table 5. JU4 Jumper Selection (
MUTE)
SHUNT
POSITION
MUTE PIN
CONNECTED TO
AUDIO OUTPUT
Installed*
DVDD
Normal operation
Not
installed
PGND
(through resistor R16)
Muted
*
Default position.
Table 6. JU5 Jumper Selection (MOD)
SHUNT POSITION
MOD PIN CONNECTED TO
OUTPUT MODULATION SCHEME
Installed*
DVDD
Filterless modulation
Not installed
PGND (through resistor R17)
Classic pulse-width modulation (PWM)
*
Default position.
Table 7. JU6 Jumper Selection (MONO)
SHUNT POSITION
MONO PIN CONNECTED
TO
OUTPUT SPEAKER MODE
AUDIO INPUT SOURCE CONNECTED TO
Not installed*
PGND
(through resistor R18)
Stereo mode
LIN and RIN
Install a shorting wire
DVDD
Mono mode
LIN
(RIN is an uncommitted inverting op amp)
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com