Electronic Components Datasheet Search
  English  ▼

X  

PLL502-35 Datasheet(PDF) 9 Page - PhaseLink Corporation

Part # PLL502-35
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-35 Datasheet(HTML) 9 Page - PhaseLink Corporation

  PLL502-35 Datasheet HTML 1Page - PhaseLink Corporation PLL502-35 Datasheet HTML 2Page - PhaseLink Corporation PLL502-35 Datasheet HTML 3Page - PhaseLink Corporation PLL502-35 Datasheet HTML 4Page - PhaseLink Corporation PLL502-35 Datasheet HTML 5Page - PhaseLink Corporation PLL502-35 Datasheet HTML 6Page - PhaseLink Corporation PLL502-35 Datasheet HTML 7Page - PhaseLink Corporation PLL502-35 Datasheet HTML 8Page - PhaseLink Corporation PLL502-35 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 9
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type, Operating temperature range, shipping method
PLL502-3x X X X -R
Order Number
Marking
Package Option
PLL502-35OC
P502-35OC
16-Pin TSSOP (Tube)
PLL502-35OC-R
P502-35OC
16-Pin TSSOP (Tape and Reel)
PLL502-35QC
P502-35QC
16-Pin 3x3 QFN (Tube)
PLL502-35QC-R
P502-35QC
16-Pin 3x3 QFN (Tape and Reel)
PLL502-35OCL
P502-35OCL
16-Pin TSSOP (Tube)
PLL502-35OCL-R
P502-35OCL
16-Pin TSSOP (Tape and Reel)
PLL502-35QCL
P502-35QCL
16-Pin 3x3 QFN (Tube)
PLL502-35QCL-R
P502-35QCL
16-Pin 3x3 QFN (Tape and Reel)
PLL502-37OC
P502-37OC
16-Pin TSSOP (Tube)
PLL502-37OC-R
P502-37OC
16-Pin TSSOP (Tape and Reel)
PLL502-37QC
P502-37QC
16-Pin 3x3 QFN (Tube)
PLL502-37QC-R
P502-37QC
16-Pin 3x3 QFN (Tape and Reel)
PLL502-37OCL
P502-37OCL
16-Pin TSSOP (Tube)
PLL502-37OCL-R
P502-37OCL
16-Pin TSSOP (Tape and Reel)
PLL502-37QCL
P502-37QCL
16-Pin 3x3 QFN (Tube)
PLL502-37QCL-R
P502-37QCL
16-Pin 3x3 QFN (Tape and Reel)
PLL502-38OC
P502-38OC
16-Pin TSSOP (Tube)
PLL502-38OC-R
P502-38OC
16-Pin TSSOP (Tape and Reel)
PLL502-38QC
P502-38QC
16-Pin 3x3 QFN (Tube)
PLL502-38QC-R
P502-38QC
16-Pin 3x3 QFN (Tape and Reel)
PLL502-38OCL
P502-38OCL
16-Pin TSSOP (Tube)
PLL502-38OCL-R
P502-38OCL
16-Pin TSSOP (Tape and Reel)
PLL502-38QCL
P502-38QCL
16-Pin 3x3 QFN (Tube)
PLL502-38QCL-R
P502-38QCL
16-Pin 3x3 QFN (Tape and Reel)
PLL502-39OC
P502-39OC
16-Pin TSSOP (Tube)
PLL502-39OC-R
P502-39OC
16-Pin TSSOP (Tape and Reel)
PLL502-39QC
P502-39QC
16-Pin 3x3 QFN (Tube)
PLL502-39QC-R
P502-39QC
16-Pin 3x3 QFN (Tape and Reel)
PLL502-39OCL
P502-39OCL
16-Pin TSSOP (Tube)
PLL502-39OCL-R
P502-39OCL
16-Pin TSSOP (Tape and Reel)
PLL502-39QCL
P502-39QCL
16-Pin 3x3 QFN (Tube)
PLL502-39QCL-R
P502-39QCL
16-Pin 3x3 QFN (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP Q=QFN
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
-R=TAPE AND REEL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com