Electronic Components Datasheet Search
  English  ▼

X  

P502-03SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P502-03SC
Description  Low Phase Noise VCXO (48MHz to 100MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P502-03SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P502-03SC Datasheet HTML 1Page - PhaseLink Corporation P502-03SC Datasheet HTML 2Page - PhaseLink Corporation P502-03SC Datasheet HTML 3Page - PhaseLink Corporation P502-03SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL502-03
Low Phase Noise VCXO (48MHz to 100MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 1
FEATURES
• VCXO output for the 48MHz to 100MHz range
• Low phase noise (-130 dBc @ 10kHz offset at
48MHz).
• CMOS output.
• 12 to 25MHz crystal input.
• Integrated variable capacitors.
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• Wide pull range (+/- 250 ppm).
• Low jitter (RMS): 3.5ps period.
• 3.3V operation.
• Available in 8-Pin SOIC.
DESCRIPTION
The PLL502-03 is a low cost, high performance and
low phase noise VCXO for the 48 to 100MHz range,
providing less than -130dBc at 10kHz offset at
48MHz. The very low jitter (3.5ps RMS period jitter)
makes this chip ideal for applications requiring volt-
age controlled frequency sources. Input crystal can
range from 12 to 25MHz (fundamental resonant
mode).
PIN CONFIGURATION
Note: ^ denotes internal pull up
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
X4
48 - 100MHz
CMOS
BLOCK DIAGRAM
1
2
3
45
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
OE^
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP


Similar Part No. - P502-03SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502-030 TRIPPLITE-P502-030 Datasheet
162Kb / 2P
VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 30 ft.
P502-035 TRIPPLITE-P502-035 Datasheet
162Kb / 2P
VGA Coaxial High-Resolution Monitor Cable with RGB Coaxial (HD15 M/M), 2048 x 1536 (1080p), 35 ft.
More results

Similar Description - P502-03SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
P521-23 PLL-P521-23 Datasheet
215Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-28 PLL-P521-28 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
P521-29 PLL-P521-29 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (100MHz to 200MHz)
PLL521-23 PLL-PLL521-23 Datasheet
198Kb / 7P
Low Phase Noise PECL VCXO (100MHz to 200MHz)
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com