Electronic Components Datasheet Search
  English  ▼

X  

LCBG6SP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCBG6SP
Description  Custom Tuning
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBG6SP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCBG6SP Datasheet HTML 5Page - OSRAM GmbH LCBG6SP Datasheet HTML 6Page - OSRAM GmbH LCBG6SP Datasheet HTML 7Page - OSRAM GmbH LCBG6SP Datasheet HTML 8Page - OSRAM GmbH LCBG6SP Datasheet HTML 9Page - OSRAM GmbH LCBG6SP Datasheet HTML 10Page - OSRAM GmbH LCBG6SP Datasheet HTML 11Page - OSRAM GmbH LCBG6SP Datasheet HTML 12Page - OSRAM GmbH LCBG6SP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LCB G6SP
9 Version 1.2 | 2020-06-29
Forward current 6), 7)
I
F = f(VF); TS = 25 °C
LCBG6SP
2,93,0
3,13,2
3,33,4
3,5
VF [V]
30
50
100
150
200
250
IF [mA]
:CoD blue
Relative Luminous Intensity 6), 7)
I
v/Iv(140 mA) = f(IF); TS = 25 °C
LCBG6SP
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
IV
IV(140mA)
:CoD blue
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TS = 25 °C
LCBG6SP
IF [mA]
-0,004
-0,002
0,000
0,002
0,004
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com