Electronic Components Datasheet Search
  English  ▼

X  

SFH4030 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # SFH4030
Description  Eye Tracking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4030 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button SFH4030 Datasheet HTML 9Page - OSRAM GmbH SFH4030 Datasheet HTML 10Page - OSRAM GmbH SFH4030 Datasheet HTML 11Page - OSRAM GmbH SFH4030 Datasheet HTML 12Page - OSRAM GmbH SFH4030 Datasheet HTML 13Page - OSRAM GmbH SFH4030 Datasheet HTML 14Page - OSRAM GmbH SFH4030 Datasheet HTML 15Page - OSRAM GmbH SFH4030 Datasheet HTML 16Page - OSRAM GmbH SFH4030 Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SFH 4030
15 Version 1.3 | 2020-08-10
Glossary
1)
Radiant intensity: Measured at a solid angle of Ω = 0.01 sr
2)
Brightness: The brightness values are measured with a tolerance of ±11%.
3)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light 
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
4)
Forward Voltage: The forward voltages are measured with a tolerance of ±0.1 V.
5)
Total radiant flux: Measured with integrating sphere.
6)
Thermal resistance: junction - soldering point, of the device only, mounted on an ideal heatsink (e.g.
metal block)
7)
Thermal resistance: junction ‐ ambient, mounted on PC‐board (FR4), padsize 5 mm² each
8)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures. 
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
9)
Testing temperature: TA = 25°C (unless otherwise specified)
10)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and 
dimensions are specified in mm.
11)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com