Electronic Components Datasheet Search
  English  ▼

X  

PLL502-37 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL502-37
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-37 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL502-37 Datasheet HTML 1Page - PhaseLink Corporation PLL502-37 Datasheet HTML 2Page - PhaseLink Corporation PLL502-37 Datasheet HTML 3Page - PhaseLink Corporation PLL502-37 Datasheet HTML 4Page - PhaseLink Corporation PLL502-37 Datasheet HTML 5Page - PhaseLink Corporation PLL502-37 Datasheet HTML 6Page - PhaseLink Corporation PLL502-37 Datasheet HTML 7Page - PhaseLink Corporation PLL502-37 Datasheet HTML 8Page - PhaseLink Corporation PLL502-37 Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 5
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
19.44MHz
2.2
77.76MHz
4.5
155.52MHz
4.5
Period jitter RMS
With capacitive decoupling be-
tween VDD and GND.
Over 10,000 cycles.
622.08MHz
5.0
ps
19.44MHz
17
77.76MHz
25
155.52MHz
27
Period jitter Peak-to-
Peak1
With capacitive decoupling be-
tween VDD and GND.
Over 10,000 cycles.
622.08MHz
35
ps
155.52MHz
2.5
4
Integrated jitter RMS2
Integrated 12 kHz to 20 MHz
622.08MHz
2.5
4
ps
6. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
19.44MHz
-80
-108
-132
-142
-150
77.76MHz
-72
-103
-122
-130
-125
155.52MHz
-65
-95
-120
-125
-121
Phase Noise relative
to carrier
(typical)
622.08MHz
-55
-85
-109
-115
-110
dBc/Hz
Note: Phase Noise measured at VCON = 0V
7. CMOS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com