Electronic Components Datasheet Search
  English  ▼

X  

MAX9268 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 3Page - Maxim Integrated Products MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MAX9268 Evaluation Kit
_______________________________________________________________________________________ 7
The firmware also supports a small set of commands,
available when RTS is clear. Since all register read/
write requests are sent with RTS set, there is no conflict
between register data and firmware commands. These
firmware commands are issued automatically by the
MAX9249 EV kit software GUI. The following information
is provided for reference only.
Firmware command “?” prints the firmware version ban-
ner message and brief command list.
Firmware command “B” changes the baud rate by
changing the internal TH1 baud-rate divisor. Refer to
firmware help command “?” for details. Pressing switch
SW122 resets the USB baud rate to 921,600 baud. The
software GUI automatically sends the baud-rate change
command.
Firmware command “T” supports waking up the MAX9249
from the MAX9268 side of the link. Command “T” per-
forms a dummy read, followed by a delay on the order
of 1ms to 8ms, and finally writes a register value. For
example, send “T810558800483” to read from device
address 0x81 register 0x05, delay 4ms, then write to
device address 0x80 register 0x04 data 0x83. This is
the MAX9249 wake-up sequence for the default device
addresses. The software GUI automatically sends this
command when the Wake Up MAX9249 button is
pressed.
Table 1. MAX9268 EV Kit Jumper Descriptions
JUMPER
SIGNAL
SHUNT POSITION
DESCRIPTION
JU1
CDS
1-2
CDS = high; ECU attached to MAX9268; connects the USB to the
MAX9268 EV kit
2-3*
CDS = low; optional peripheral attached to the MAX9268
Open
Reserved
SW1
MS
1-2
(toggle switch up)
MS = high; full-duplex bypass mode; device registers not
accessible
2-3*
(toggle switch down)
MS = low; half-duplex base mode; required when writing to device
registers or when using external I2C peripheral
JU2
BWS
1-2*
BWS = high
2-3
BWS = low
JU3
EQS
1-2*
EQS = high
2-3
EQS = low
JU4
DRS
1-2*
DRS = high
2-3
DRS = low
JU5
SSEN
1-2*
SSEN = high
2-3
SSEN = low
JU6
PWDN
1-2*
PWDN = high
2-3
PWDN = low
JU7
ADD1
1-2
ADD1 = IOVDD (see Table 2)
1-3
ADD1 = Open (see Table 2)
1-4*
ADD1 = GND (see Table 2)
JU8
ADD0
1-2
ADD0 = IOVDD (see Table 2)
1-3
ADD0 = Open (see Table 2)
1-4*
ADD0 = GND (see Table 2)
JU9
Bus power
1-2*
J1 pin 4 connects to VIN
2-3
J1 pin 4 connects to GND
Open
J1 pin 4 unconnected
JU10
Bus power
1-2*
J1 pin 1 connects to USB+5V
Open
USB power is not connected to link cable power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com