Electronic Components Datasheet Search
  English  ▼

X  

RAZ42112DM Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RAZ42112DM
Description  GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RAZ42112DM Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RAZ42112DM Datasheet HTML 1Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 2Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 3Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 4Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 5Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 6Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 7Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 8Page - Pulse A Technitrol Company RAZ42112DM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Issue: 1827
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: GNSS/2x LTE/0, 1x, 2x or 3x WiFi
Direct Mount
Series: RAZORBACK
PART NUMBER: RAZ32011DM, RAZ32012DM, RAZ42111DM,
RAZ42112DM, RAZ52211DM, RAZ52212DM, RAZ62311DM, RAZ62312DM
2
Antenna Type
Monopole, measured on Ø1.02m (40“) ground plane
Frequency (2x LTE)
644-960/1710-2700 MHz
Frequency (1x, 2x or 3x WiFi)
2400-2500/4900-5925 MHz
Nominal Impedance
50
VSWR
2:1
Radiation Pattern
Omni
HPBW / Vertical Plane (LTE, 644-960)
42°
HPBW / Vertical Plane (LTE, 1710-2700)
31°
HPBW / Vertical Plane (WIFI, 2400-2500)
25°
HPBW / Vertical Plane (WIFI, 4900-5925)
20°
Polarization
Vertical
Average Peak Gain (LTE, 644-960) (LTE, 1710-2700)
4.6/4.9 dBi
Average Peak Gain (WIFI, 2400-2500) (WIFI, 4900-5925)
6/6.6 dBi
Isolation (LTE1 to LTE2)
<-13
Isolation (WiFi1/2, WiF2/3 & WiFi1/3)
<-13
Average Efficiency (LTE)
67 %
Average Efficiency (WiFi)
57 %
Power Withstanding
45 W
GNSS Beidou-GPS-Glonass
Frequency
1561.098±2.046,1575.42±1.023,1602.5625±4 MHz
VSWR
2:1
Nominal Impedance
50
Gain (Radiating element)
1 dBic +/- 1dB
Gain (LNA gain)
30 dB +/- 2 dB
Polarization
RHCP
ELECTRICAL SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com