Electronic Components Datasheet Search
  English  ▼

X  

SLG46517 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46517
Description  GreenPAK Programmable Mixed-Signal Matrix with ASM and Dual 44 m廓/2 A P-FET
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46517 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46517 Datasheet HTML 88Page - Dialog Semiconductor SLG46517 Datasheet HTML 89Page - Dialog Semiconductor SLG46517 Datasheet HTML 90Page - Dialog Semiconductor SLG46517 Datasheet HTML 91Page - Dialog Semiconductor SLG46517 Datasheet HTML 92Page - Dialog Semiconductor SLG46517 Datasheet HTML 93Page - Dialog Semiconductor SLG46517 Datasheet HTML 94Page - Dialog Semiconductor SLG46517 Datasheet HTML 95Page - Dialog Semiconductor SLG46517 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 190 page
background image
Datasheet
22-Jul-2021
CFR0011-120-00
Revision 3.6
92 of 190
© 2021 Dialog Semiconductor
SLG46517
GreenPAK Programmable Mixed-Signal Matrix
with ASM and Dual 44 m
Ω/2 A P-FET
WS time selection
[1489]
0: Short Wake Time
1: Normal Wake Time
ACMP0 Wake & Sleep
function Enable
[1490]
0: Disable
1: Enable
ACMP1 Wake & Sleep
function Enable
[1491]
0: Disable
1: Enable
ACMP2 Wake & Sleep
function Enable
[1492]
0: Disable
1: Enable
ACMP3 Wake & Sleep
function Enable
[1493]
0: Disable
1: Enable
Wake Sleep Output State
When WS Oscillator
is Power-down own if DLY/
CNT0 Mode Selection
is "11"
[1494]
0: Low
1: High
Wake Sleep Ratio Control
Mode Selection if
DLY/CNT0 Mode Selection
is "11"
[1495]
0: Default Mode
1: Wake Sleep Ratio Control Mode
DLY/CNT0
(16bits, [15:0] =
[1591:1576]) Control Data
[1591:1576]
1 - 65535
Table 82: WS Register Settings(Continued)
Signal Function
Register Bit
Address
Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com