Electronic Components Datasheet Search
  English  ▼

X  

SLG46811 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46811
Description  GreenPAK Programmable Mixed-Signal Matrix
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46811 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46811 Datasheet HTML 88Page - Dialog Semiconductor SLG46811 Datasheet HTML 89Page - Dialog Semiconductor SLG46811 Datasheet HTML 90Page - Dialog Semiconductor SLG46811 Datasheet HTML 91Page - Dialog Semiconductor SLG46811 Datasheet HTML 92Page - Dialog Semiconductor SLG46811 Datasheet HTML 93Page - Dialog Semiconductor SLG46811 Datasheet HTML 94Page - Dialog Semiconductor SLG46811 Datasheet HTML 95Page - Dialog Semiconductor SLG46811 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 171 page
background image
Datasheet
14-Apr-2021
CFR0011-120-00
Revision 3.0
92 of 171
© 2021 Dialog Semiconductor
SLG46811
GreenPAK Programmable Mixed-Signal Matrix
14
Power-On Reset
The SLG46811 has a Power-On Reset (POR) macrocell to ensure correct device initialization and operation of all macrocells in
the device. The purpose of the POR circuit is to have consistent behavior and predictable results when the VDD power is first
ramping to the device, and also while the VDD is falling during power-down. To accomplish this goal, the POR drives a defined
sequence of internal events that trigger changes to the states of different macrocells inside the device, and finally to the state of
the IOs.
14.1 GENERAL OPERATION
The SLG46811 is guaranteed to be powered down and non-operational when the VDD voltage (voltage on PIN1) is less than
Power-Off Threshold (see in Table 6), but not less than -0.6 V. Another essential condition for the chip to be powered down is that
no voltage higher (Note) than the VDD voltage is applied to any other PIN. For example, if VDD voltage is 0.3 V, applying a voltage
higher than 0.3 V to any other PIN is incorrect, and can lead to incorrect or unexpected device behavior.
Note: There is a 0.6 V margin due to forward drop voltage of the ESD protection diodes.
To start the POR sequence in the SLG46811, the voltage applied on the VDD should be higher than the Power-On threshold
(Note). The full operational VDD range for the SLG46811 is 2.3 V to 5.5 V. This means that the VDD voltage must ramp up to the
operational voltage value, but the POR sequence will start earlier, as soon as the VDD voltage rises to the Power-On threshold.
After the POR sequence has started, the SLG46811 will have a typical period of time to go through all the steps in the sequence
(noted in the datasheet for that device), and will be ready and completely operational after the POR sequence is complete.
Note: The Power-On threshold is defined in Table 6.
To power down the chip the VDD voltage should be lower than the operational and to guarantee that chip is powered down it
should be less than Power-Off Threshold.
All PINs are in high impedance state when the chip is powered down and while the POR sequence is taking place. The last step
in the POR sequence releases the IO structures from the high impedance state, at which time the device is operational. The pin
configuration at this point in time is defined by the design programmed into the chip. Also, as it was mentioned before, the voltage
on PINs can’t be bigger than the VDD, this rule also applies to the case when the chip is powered on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com