Electronic Components Datasheet Search
  English  ▼

X  

574348 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 574348
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

574348 Datasheet(HTML) 1 Page - Festo Corporation.

  574348 Datasheet HTML 1Page - Festo Corporation. 574348 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-L10-T32C-MT-M5-1P3
Part number: 574348
Data sheet
Feature
Value
Valve function
2x3/2, closed, monostable
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
135 l/min
Pneumatic working port
M5
Operating voltage
24V DC
Operating pressure
0.25 MPa ... 0.8 MPa
Operating pressure
2.5 bar ... 8 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
RCM compliance mark
c UL us - Recognized (OL)
Degree of protection
IP40
IP65
With plug socket
Nominal width
1.9 mm
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
Internal
Symbol
00995242
Lap
Overlap
Pilot pressure MPa
0.2 MPa ... 0.8 MPa
Pilot pressure
2 bar ... 8 bar
Suitability for vacuum
no
Switching time off
11 ms
On switching time
8 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 1.0 W
24 V DC: low-current phase 0.3 W, high-current phase 1.0 W
9/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 574348

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
574340 FESTO-574340 Datasheet
85Kb / 2P
Proximity sensor
574341 FESTO-574341 Datasheet
84Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574343 FESTO-574343 Datasheet
100Kb / 2P
Proximity sensor
574344 FESTO-574344 Datasheet
100Kb / 2P
Proximity sensor
More results

Similar Description - 574348

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com