Electronic Components Datasheet Search
  English  ▼

X  

574352 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 574352
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

574352 Datasheet(HTML) 1 Page - Festo Corporation.

  574352 Datasheet HTML 1Page - Festo Corporation. 574352 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VUVG-L10-T32C-MZT-M5-1P3
Part number: 574352
Data sheet
Feature
Value
Valve function
2x3/2, closed, monostable
Actuation type
Electrical
Valve size
10 mm
Standard nominal flow rate
135 l/min
Pneumatic working port
M5
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
RCM compliance mark
c UL us - Recognized (OL)
Degree of protection
IP40
IP65
With plug socket
Nominal width
1.9 mm
Type code
VUVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Covered
Type of control
Pilot-controlled
Pilot air supply port
External
Symbol
00992948
Lap
Overlap
Pilot pressure MPa
0.2 MPa ... 0.8 MPa
Pilot pressure
2 bar ... 8 bar
Suitability for vacuum
yes
Switching time off
11 ms
On switching time
8 ms
Duty cycle
100%
Max. positive test pulse with 0 signal
700 µs
Max. negative test pulse on 1 signal
900 µs
Coil characteristics
24 V DC: 1.0 W
24 V DC: low-current phase 0.3 W, high-current phase 1.0 W
9/27/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 574352

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
574350 FESTO-574350 Datasheet
95Kb / 2P
Air solenoid valve
574351 FESTO-574351 Datasheet
92Kb / 2P
Air solenoid valve
574353 FESTO-574353 Datasheet
99Kb / 2P
Air solenoid valve
574354 FESTO-574354 Datasheet
97Kb / 2P
Air solenoid valve
574355 FESTO-574355 Datasheet
94Kb / 2P
Air solenoid valve
More results

Similar Description - 574352

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com