Electronic Components Datasheet Search
  English  ▼

X  

27240409 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 27240409
Description  Patch panels - FL PF 2TX CAT 6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27240409 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  27240409 Datasheet HTML 1Page - PHOENIX CONTACT 27240409 Datasheet HTML 2Page - PHOENIX CONTACT 27240409 Datasheet HTML 3Page - PHOENIX CONTACT 27240409 Datasheet HTML 4Page - PHOENIX CONTACT 27240409 Datasheet HTML 5Page - PHOENIX CONTACT 27240409 Datasheet HTML 6Page - PHOENIX CONTACT 27240409 Datasheet HTML 7Page - PHOENIX CONTACT 27240409 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/2891068
07/27/2021   Page 2 / 8
Patch panels - FL PF 2TX CAT 6 - 2891068
Technical data
Interfaces
No. of ports
2
Conformity with EMC directives
Developed in acc. with standard
ISO/IEC 11801, EN 50173, TIA/EIA 568B and IEC 60603–7
General
Net weight
120.2 g
Housing material
Metal
Connection data
Conductor cross section
0.2 mm² ... 0.32 mm²
Connection cross section AWG
24 ... 22
Rated voltage (III/3)
50 V
Rated surge voltage
≥ 1 kV
Rated current
1 A
Classifications
eCl@ss
eCl@ss 4.0
27250591
eCl@ss 4.1
27240409
eCl@ss 5.0
27259207
eCl@ss 5.1
27259207
eCl@ss 6.0
27259207
eCl@ss 7.0
27259207
eCl@ss 9.0
27240692
ETIM
ETIM 2.0
EC000313
ETIM 3.0
EC000313
ETIM 4.0
EC002584
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
39121311
UNSPSC 12.01
39121311
UNSPSC 13.2
39121311
Accessories
Accessories
Fiber optics connector (device side)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com