Electronic Components Datasheet Search
  English  ▼

X  

LM2734Z Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2734Z
Description  Thin SOT23 1A Load Step-Down DC-DC Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2734Z Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2734Z Datasheet HTML 1Page - National Semiconductor (TI) LM2734Z Datasheet HTML 2Page - National Semiconductor (TI) LM2734Z Datasheet HTML 3Page - National Semiconductor (TI) LM2734Z Datasheet HTML 4Page - National Semiconductor (TI) LM2734Z Datasheet HTML 5Page - National Semiconductor (TI) LM2734Z Datasheet HTML 6Page - National Semiconductor (TI) LM2734Z Datasheet HTML 7Page - National Semiconductor (TI) LM2734Z Datasheet HTML 8Page - National Semiconductor (TI) LM2734Z Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM2734Z
Thin SOT23 1A Load Step-Down DC-DC Regulator
General Description
The LM2734Z regulator is a monolithic, high frequency,
PWM step-down DC/DC converter assembled in a 6-pin Thin
SOT23 and LLP non pull back package. It provides all the
active functions to provide local DC/DC conversion with fast
transient response and accurate regulation in the smallest
possible PCB area.
With a minimum of external components and online design
support through WEBENCH®™, the LM2734Z is easy to
use. The ability to drive 1A loads with an internal 300m
Ω
NMOS switch using state-of-the-art 0.5µm BiCMOS technol-
ogy results in the best power density available. The world
class control circuitry allows for on-times as low as 13ns,
thus supporting exceptionally high frequency conversion
over the entire 3V to 20V input operating range down to the
minimum output voltage of 0.8V. Switching frequency is
internally set to 3MHz, allowing the use of extremely small
surface mount inductors and chip capacitors. Even though
the operating frequency is very high, efficiencies up to 85%
are easy to achieve. External shutdown is included, featuring
an ultra-low stand-by current of 30nA. The LM2734Z utilizes
current-mode control and internal compensation to provide
high-performance regulation over a wide range of operating
conditions. Additional features include internal soft-start cir-
cuitry to reduce inrush current, pulse-by-pulse current limit,
thermal shutdown, and output over-voltage protection.
Features
n
Thin SOT23-6 package, or 6 lead LLP package
n
3.0V to 20V input voltage range
n
0.8V to 18V output voltage range
n
1A output current
n
3MHz switching frequency
n
300m
Ω NMOS switch
n
30nA shutdown current
n
0.8V, 2% internal voltage reference
n
Internal soft-start
n
Current-Mode, PWM operation
n
Thermal shutdown
Applications
n
DSL Modems
n
Local Point of Load Regulation
n
Battery Powered Devices
n
USB Powered Devices
Typical Application Circuit
Efficiency vs Load Current
V
IN = 5V, VOUT = 3.3V
20130301
20130345
WEBENCH™ is a trademark of Transim.
March 2005
© 2005 National Semiconductor Corporation
DS201303
www.national.com


Similar Part No. - LM2734Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734Z TI1-LM2734Z Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z-Q1 TI1-LM2734Z-Q1 Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734ZMK TI1-LM2734ZMK Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734ZMK/NOPB TI1-LM2734ZMK/NOPB Datasheet
1Mb / 36P
Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Similar Description - LM2734Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com